Electronic Components Datasheet Search
  English  ▼

X  

ADN2850 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2850
Description  Nonvolatile Memory, Dual 1024 Position Programmable Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2850 Datasheet HTML 9Page - Analog Devices ADN2850 Datasheet HTML 10Page - Analog Devices ADN2850 Datasheet HTML 11Page - Analog Devices ADN2850 Datasheet HTML 12Page - Analog Devices ADN2850 Datasheet HTML 13Page - Analog Devices ADN2850 Datasheet HTML 14Page - Analog Devices ADN2850 Datasheet HTML 15Page - Analog Devices ADN2850 Datasheet HTML 16Page - Analog Devices ADN2850 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. B
Typical Performance Characteristics–ADN2850
–13–
CODE
36
16
0
1200
200
400
600
800
1000
34
28
22
20
18
32
30
26
24
TPC 4. Wiper On-Resistance vs. Code
TEMPERATURE – C
4
–40
–20
0
20
100
40
3
2
1
0
–1
60
80
ISS @ V DD/VSS = 2.7V/0V
IDD @ V DD/VSS = 2.7V/0V
ISS @ V DD/VSS = 5V/0V
IDD @ V DD/VSS = 5V/0V
TPC 5. IDD vs. Temperature, RAB = 25 k
Ω
0.25
FREQUENCY – Hz
0.0E+00
0
0.20
0.15
0.10
0.05
2.0E+06
4.0E+06
6.0E+06
8.0E+06
1.0E+07
1.2E+07
MIDSCALE
FULL SCALE
ZERO SCALE
VDD/VSS = 5V/0V
RAR = 25k
TPC 6. IDD vs. Clock Frequency, RAB = 25 k
Ω
DIGITAL CODE
1.0
0
200
400
600
800
0.8
0.6
0.2
–0.2
–0.6
0.4
0
–0.4
+25 C
–40 C
+85 C
1000
TPC 1. R-INL vs. Code, TA =
40 C,
25 C,
85 C Overlay, RAB = 25 k
Ω
DIGITAL CODE
0.4
0
200
400
600
1000
–0.8
800
0.2
0
–0.2
–0.4
–0.6
TPC 2. R-DNL vs. Code, TA =
40 C,
25 C,
85 C Overlay, RAB = 25 k
Ω
CODE – Decimal
120
100
20
–20
–80
1023
896
768
640
512
384
256
128
0
80
60
40
0
–40
–60
VDD/VSS = 5.0V/0V
TA = 25 C
25k
VERSION
250k
VERSION
TPC 3.
∆RWB /∆T Rheostat Mode Tempco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com