Electronic Components Datasheet Search
  English  ▼

X  

ADN2850 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2850
Description  Nonvolatile Memory, Dual 1024 Position Programmable Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850 Datasheet(HTML) 3 Page - Analog Devices

  ADN2850 Datasheet HTML 1Page - Analog Devices ADN2850 Datasheet HTML 2Page - Analog Devices ADN2850 Datasheet HTML 3Page - Analog Devices ADN2850 Datasheet HTML 4Page - Analog Devices ADN2850 Datasheet HTML 5Page - Analog Devices ADN2850 Datasheet HTML 6Page - Analog Devices ADN2850 Datasheet HTML 7Page - Analog Devices ADN2850 Datasheet HTML 8Page - Analog Devices ADN2850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
ADN2850
–3–
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
INTERFACE TIMING CHARACTERISTICS (apply to all parts)
5, 11
Clock Cycle Time (tCYC)t1
20
ns
CS Setup Time
t2
10
ns
CLK Shutdown Time to
CS Rise
t3
1tCYC
Input Clock Pulsewidth
t4 , t5
Clock Level High or Low
10
ns
Data Setup Time
t6
From Positive CLK Transition
5
ns
Data Hold Time
t7
From Positive CLK Transition
5
ns
CS to SDO – SPI Line Acquire
t8
40
ns
CS to SDO – SPI Line Release
t9
50
ns
CLK to SDO Propagation Delay
12
t10
RP = 2.2 k
Ω, C
L < 20 pF
50
ns
CS High Pulsewidth13
t12
10
ns
CS High to CS High13
t13
4tCYC
RDY Rise to
CS Fall
t14
0ns
CS Rise to RDY Fall Time
t15
0.15
0.3
ms
Read/Store to Nonvolatile EEMEM
14
t16
Applies to Command 2H, 3H, 9H
35
ms
CS Rise to Clock Edge Setup
t17
10
ns
Preset Pulsewidth (Asynchronous)
tPRW
Not Shown in Timing Diagram
50
ns
Preset Response Time to Wiper Setting
tPRESP
PR Pulsed Low to Refresh
140
µs
Wiper Positions
FLASH/EE MEMORY RELIABILITY
Endurance
15
100
K Cycles
Data Retention
16
100
Years
NOTES
1 Parts can be operated at 2.7 V single supply, except from 08C to –408C, where minimum 3 V is needed.
2 Typicals represent average readings at 258C and V
DD = 5 V.
3 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions.
R-DNL measures the relative step change from ideal between successive tap positions. I W ~ 50
µA for V
DD = 2.7 V and IW ~ 400
µA for V
DD = 5 V.
4 Resistor terminals W and B have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 Common-mode leakage current is a measure of the dc leakage from any terminal B and W to a common-mode bias level of V
DD/2.
7 Transfer (XFR) mode current is not continuous. Current consumed while EEMEM locations are read and transferred to the RDAC register. See TPC 9.
8 P
DISS is calculated from (IDD
VDD) + (ISS
VSS).
9 Applies to photodiode of optical receiver.
10 All dynamic characteristics use V
DD = +2.5 V and VSS = –2.5 V.
11 See timing diagram for location of measured values. All input control voltages are specified with t
R = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
Switching characteristics are measured using both VDD = 3 V and 5 V.
12 Propagation delay depends on value of V
DD, RPULL_UP, and CL. See Applications section.
13 Valid for commands that do not activate the RDY pin.
14 RDY pin low only for commands 2, 3, 8, 9, 10, and PR hardware pulse: CMD_8 ~ 1 ms; CMD_9, 10 ~ 0.1 ms; CMD_2, 3 ~ 20 ms. Device operation at T
A = –40
°C
and VDD < 3 V extends the save time to 35 ms.
15 Endurance is qualified to 100,000 cycles as per JEDEC Std. 22 method A117 and measured at –40
°C, +25°C, and +85°C; typical endurance at +25°C is 700,000 cycles.
16 Retention lifetime equivalent at junction temperature (T
J ) = 55
°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 V will
derate with junction temperature.
Specifications subject to change without notice.
The ADN2850 contains 16,000 transistors. Die size: 93 mil
103 mil, 10,197 sq mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com