Electronic Components Datasheet Search
  English  ▼

X  

ADP3088 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3088
Description  1 MHz, 750 mA Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3088 Datasheet(HTML) 2 Page - Analog Devices

  ADP3088 Datasheet HTML 1Page - Analog Devices ADP3088 Datasheet HTML 2Page - Analog Devices ADP3088 Datasheet HTML 3Page - Analog Devices ADP3088 Datasheet HTML 4Page - Analog Devices ADP3088 Datasheet HTML 5Page - Analog Devices ADP3088 Datasheet HTML 6Page - Analog Devices ADP3088 Datasheet HTML 7Page - Analog Devices ADP3088 Datasheet HTML 8Page - Analog Devices ADP3088 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. PrK
ADP3088–SPECIFICATIONS1(VIN = +3.3 V, TA = -40°C to +85°C, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SUPPLY
Input Voltage Range
VIN
DRV = GND
2.5
11
V
Quiescent Current Operating
IQ
VIN = 10 V, IL = 500 mA,
6
mA
DRV = GND
Quiescent Current Operating
IQ
No load
150
250
µA
Shutdown
ISD
VCOMP = 0 V
15
40
Ground Current
IGND
2
Normal Operation
VIN = 11 V, IL = 500 mA,
2.5
3.6
mA
DRV = 2 V
Thermal Shutdown Threshold
TSD
160
°C
OSCILLATOR
Oscillator Frequency
fSW
0.75
1
1.25
MHz
Minimum Sleep Duty Cycle
DPSM
IL = 500 mA
14
%
Maximum Duty Cycle
DMAX
100
%
Wake up Hysteresis
VHYST
FB voltage drops below VREF
20
30
40
mV
OUTPUT SWITCH
Switch On Voltage
VIO
3
IL = 500 mA, FB and DRV =
0.25
0.4
V
GND
Current Limit Threshold
ILIM
1.0
1.2
1.4
A
Leakage Current
VIN = 12 V
0.5
µA
ERROR AMPLIFIER
Reference Voltage Accuracy
VREF
FB = COMP
1.222
1.245
1.265
V
Reference Voltage Line
FB = COMP,
.02
%/V
Regulation
VIN= 3 V to 12 V
Feedback Input Bias Current
IFB
soft start expired
-50
1
50
nA
Sink/Source Current
ICOMP
35
60
85
µA
Short Circuit Current
ICOMP, SD
VCOMP = 0 V, activating
20
40
µA
shutdown
Transconductance
gm, EA
FB = COMP
480
µA/V
MODULATOR
Transconductance
gm, MOD
VCOMP to IL
1
A/V
Control Offset Voltage
VPWM, OS
0.90
V
Soft Start Time
tSS
250
600
µs
Shutdown Threshold Voltage
VCOMP, SD
340
750
mV
Slope Compensation
mSC
Effectively summed to ISW
0.7
A/µs
NOTES
1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2 For higher efficiency operation, tie the DRV pin to the output for IL < 250 mA, and VIN > 3 V.
3 V(IN) - V(SW), includes voltage drop across internal current sensor.
Specifications subject to change without notice.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com