Electronic Components Datasheet Search
  English  ▼

X  

ADP3088 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3088
Description  1 MHz, 750 mA Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3088 Datasheet(HTML) 3 Page - Analog Devices

  ADP3088 Datasheet HTML 1Page - Analog Devices ADP3088 Datasheet HTML 2Page - Analog Devices ADP3088 Datasheet HTML 3Page - Analog Devices ADP3088 Datasheet HTML 4Page - Analog Devices ADP3088 Datasheet HTML 5Page - Analog Devices ADP3088 Datasheet HTML 6Page - Analog Devices ADP3088 Datasheet HTML 7Page - Analog Devices ADP3088 Datasheet HTML 8Page - Analog Devices ADP3088 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ADP3088
–3–
REV. PrK
PRELIMINARY TECHNICAL DATA
ORDERING GUIDE
Temperature
Package
Branding
Model
Range
Option
Information
ADP3088ARM -40°C to +85°C
MSOP-8
P0A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the device features proprietary ESD protection circuitry, permanent damage may oc-
cur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1, 2
IN
Power Supply Input. Both pins
must be connected.
3,6
GND
Ground. Both pins must be con-
nected.
4
COMP
Feedback Loop Compensation
and Shutdown Input. An open
drain or collector used to pull
the pin to ground will shutdown
the device.
5
FB
Feedback Voltage Sense Input.
This pin senses the voltage via
an external resistor divider.
7
DRV
This pin provides a separate
path for drive current to be con-
nected to ground.
8
SW
Switching Output.
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage ............................... –0.3 V to +12 V
Voltage on any pin with respect to GND .. –0.3 V to +12 V
(voltage on any pin may not exceed VIN)
Operating Ambient Temperature Range .. –40°C to +85°C
Operating Junction Temperature ......................... +125°C
θJA (4-layer board)........................................... +116°C/W
θJA (2-layer board)........................................... +159°C/W
Storage Temperature Range .................. –65°C to +150°C
Lead Temperature Range (Soldering, 10 sec.) ..... +300°C
Vapor Phase (60 sec) ........................................ +215°C
Infrared (15 sec) ............................................... +220°C
*This is a stress rating only; operation beyond these limits can cause the device
to be permanently damaged.
Unless otherwise specified, all voltages are
referenced to GND.
PIN CONFIGURATION
PRELIMINARY TECHNICAL DATA
1
2
3
4
8
7
6
5
ADP3088
SW
DRV
GND
FB
IN
IN
GND
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com