Electronic Components Datasheet Search
  English  ▼

X  

ADP3152 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 5 Page - Analog Devices

  ADP3152 Datasheet HTML 1Page - Analog Devices ADP3152 Datasheet HTML 2Page - Analog Devices ADP3152 Datasheet HTML 3Page - Analog Devices ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OUTPUT CURRENT – Amps
100
65
1.4
2.8
14.0
4.2
5.6
7.0
9.8 11.2 12.6
8.4
95
85
80
75
70
90
VOUT = +2.0V
VOUT = +2.8V
VOUT = +3.5V
SEE FIGURE 2
Figure 4. Efficiency vs. Output Current
2
500ns/DIV
1
PRIMARY
N-DRIVE
DRIVER OUTPUT
SECONDARY
N-DRIVE
DRIVER OUTPUT
DRIVE 1 AND 2 = 5V/DIV
VOUT = +3.5V, IOUT = 10A
SEE FIGURE 2
Figure 7. Gate Switching Waveforms
OUTPUT CURRENT
1A TO 14A
OUTPUT VOLTAGE
20mV/DIV
Figure 10. Transient Response,
1A–14 A of Figure 2 Circuit
TIMING CAPACITOR – pF
50
100
800
200
300
400
500
600
700
450
400
0
200
150
100
50
350
250
300
Figure 5. Frequency vs. Timing
Capacitor
2
100ns/DIV
SEE FIGURE 2
Figure 8. Driver Transition Waveforms
3
4
10ms
REGULATOR
OUTPUT VOLTAGE
1V/DIV
VCC VOLTAGE
5V/DIV
Figure 11. Power-On Start-Up
Waveforms
OPERATING FREQUENCY – kHz
45
397
58
83
134
45
40
0
20
15
10
5
35
25
30
Qn + Qn = 100nC
Figure 6. Gate Charge Supply Cur-
rent vs. Operating Frequency
10 s/DIV
OUTPUT CURRENT
14A TO 1A
OUTPUT VOLTAGE
20mV/DIV
Figure 9. Transient Response, 14 A–1A
of Figure 2 Circuit
OUTPUT ACCURACY – %
15
0
25
20
10
5
TA = +25 C
SEE FIGURE 13
Figure 12. Output Accuracy
Distribution, VOUT = 2.8 V
Typical Performance Characteristics–ADP3152
–5–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com