Electronic Components Datasheet Search
  English  ▼

X  

ADP3153 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3153
Description  5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3153 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3153 Datasheet HTML 2Page - Analog Devices ADP3153 Datasheet HTML 3Page - Analog Devices ADP3153 Datasheet HTML 4Page - Analog Devices ADP3153 Datasheet HTML 5Page - Analog Devices ADP3153 Datasheet HTML 6Page - Analog Devices ADP3153 Datasheet HTML 7Page - Analog Devices ADP3153 Datasheet HTML 8Page - Analog Devices ADP3153 Datasheet HTML 9Page - Analog Devices ADP3153 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3153
–6–
REV. 0
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
VID0–
VID4
AGND
CT
CMP
12V
1k
5-BIT
CODE
1 F
4700pF
0.1 F
VOUT
1.2V
100k
0.1 F
ADP3153
OP27
Figure 13. Closed-Loop Test Circuit for Accuracy
APPLICATION INFORMATION
The ADP3153 uses a current-mode, constant-off-time control
technique to switch a pair of external N-channel MOSFETs in
a synchronous rectified buck converter application. Due to the
constant-off-time operation, no slope compensation is needed.
A unique feature of the constant-off-time control technique is
that the converter’s frequency becomes a function of the ratio of
input voltage to output voltage. The off time is determined by
the value of the external capacitor connected to the CT pin.
The on time varies in such a way that a regulated output volt-
age is maintained.
The output voltage is sensed by an internal voltage divider that
is connected to the SENSE– pin. A voltage-error amplifier gm
compares the values of the divided output voltage with a refer-
ence voltage. The reference voltage is set by an on-board 5-bit
DAC, which reads the code present at the voltage identification
(VID) pins and converts it to a precise value between 600 mV
and 1.167 V. Refer to Table I for the output voltage vs. VID pin
code information.
During continuous-inductor-current mode of operation, the
voltage-error amplifier gm and the current comparator CMPI
are the main control elements. During the on time of the high
side MOSFET, the current comparator CMPI monitors the
voltage between the SENSE+ and SENSE– pins. When the
voltage level between the two pins reaches the threshold level
VT1, the high side drive output is switched to zero, which turns
off the high side MOSFET. The timing capacitor CT is now
discharged at a rate determined by the off time controller. In
order to maintain a ripple current in the inductor, which is
independent of the output voltage, the discharge current is
made proportional to the value of the output voltage (mea-
sured at the SENSE– pin). While the timing capacitor is dis-
charging, the low side drive output goes high, turning on the
low side MOSFET. When the voltage level on the timing ca-
pacitor has discharged to the threshold voltage level VT2,
comparator CMPT resets the SR flip-flop. The output of the
flip-flop forces the low side drive output to go low and the high
side drive output to go high. As a result, the low side switch is
turned off and the high side switch is turned on. The sequence is
then repeated. As the load current increases, the output voltage
starts to decrease. This causes an increase in the output of the
voltage-error amplifier, which, in turn, leads to an increase in
the current comparator threshold VT1, thus tracking the load
current.
Table I. Output Voltage vs. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT
0
1
1
1
1
1.80
0
1
1
1
0
1.80
0
1
1
0
1
1.80
0
1
1
0
0
1.80
0
1
0
1
1
1.80
0
1
0
1
0
1.80
0
1
0
0
1
1.80
0
1
0
0
0
1.80
0
0
1
1
1
1.80
0
0
1
1
0
1.80
0
0
1
0
1
1.80
0
0
1
0
0
1.85
0
0
0
1
1
1.90
0
0
0
1
0
1.95
0
0
0
0
1
2.00
0
0
0
0
0
2.05
1
1
1
1
1
Shutdown
1
1
1
1
0
2.10
1
1
1
0
1
2.20
1
1
1
0
0
2.30
1
1
0
1
1
2.40
1
1
0
1
0
2.50
1
1
0
0
1
2.60
1
1
0
0
0
2.70
1
0
1
1
1
2.80
1
0
1
1
0
2.90
1
0
1
0
1
3.00
1
0
1
0
0
3.10
1
0
0
1
1
3.20
1
0
0
1
0
3.30
1
0
0
0
1
3.40
1
0
0
0
0
3.50
To prevent cross conduction of the external MOSFETs, feed-
back is incorporated to sense the state of the driver output pins.
Before the low side drive output can go high, the high side drive
output must be low. Likewise, the high side drive output is
unable to go high while the low side drive output is high.
Power Good
The ADP3153 has an internal monitor which monitors the
output voltage and drives the PWRGD pin of the device. This
pin is an open drain output whose high level (when connected
to a pull-up resistor) indicates that the output voltage has been
within a
±5% regulation band of the targeted value for more
than 500
µs. The PWRGD pin will go low if the output is out-
side the regulation band for more than 500
µs.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 15% greater than the
desired regulated value, the ADP3153 will turn on the lower
MOSFET, which will current-limit the source power supply or
blow its fuse, pull down the output voltage, and thus save the
expensive microprocessor from destruction. The crowbar func-
tion releases at approximately 50% of the nominal output volt-
age. For example, if the output is programmed to 2.0 V, but is
pulled up to 2.3 V or above, the crowbar will turn on the lower
MOSFET. If in this case the output is pulled down to less than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com