Electronic Components Datasheet Search
  English  ▼

X  

ADP3154 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3154
Description  5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3154 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3154 Datasheet HTML 4Page - Analog Devices ADP3154 Datasheet HTML 5Page - Analog Devices ADP3154 Datasheet HTML 6Page - Analog Devices ADP3154 Datasheet HTML 7Page - Analog Devices ADP3154 Datasheet HTML 8Page - Analog Devices ADP3154 Datasheet HTML 9Page - Analog Devices ADP3154 Datasheet HTML 10Page - Analog Devices ADP3154 Datasheet HTML 11Page - Analog Devices ADP3154 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
ADP3154
–10–
would be especially noticeable under very light or very heavy
loads where the voltage is “positioned” near one of the extremes
of the regulation window rather than near the nominal center
value. It must be noted and understood that this low gain char-
acteristic (i.e., loose dc load regulation) is inherently required to
allow improved transient containment (i.e., to achieve tighter ac
load regulation). That is, the dc load regulation is intentionally
sacrificed (but kept within specification) in order to minimize
the number of capacitors required to contain the load transients
produced by the CPU.
Linear Regulator
The ADP3154 linear regulator provides a low cost, convenient
and versatile solution for generating additional lower supply rails
that can be programmed in the range 1.2 V–5 V. The maximum
output load current is determined by the size and thermal
impedance of the external N-channel power MOSFET that is
placed in series with the supply and controlled by the ADP3154.
The output voltage, VOLDO1 in Figure 14, is sensed at the FB
pin of the ADP3154 and compared to an internal 1.2 V refer-
ence in a negative feedback loop which keeps the output voltage
in regulation. If the load is being reduced or increased, the FET
drive will also be reduced or increased by the ADP3154 to pro-
vide a well regulated
±1% accurate output voltage. The output
voltage is programmed by adjusting the value of the external
resistor RPROG, shown in Figure 14.
RS2
1.1
470pF
2N2222
VIN = +5V
IRLR2703
2k
1000 F/10V
VO2 = 3.3V
IO2 = 0.5A
VLDO
ADP3154
FB
20k
RPROG
35k
Figure 14. Linear Regulator with Overcurrent Protection
Efficiency of the Linear Regulator
The efficiency and corresponding power dissipation of the linear
regulator are not determined by the ADP3154. Rather, these
are a function of input and output voltage and load current.
Efficiency is approximated by the formula:
η = 100% × (V
OUT
VIN)
The corresponding power dissipation in the MOSFET, together
with any resistance added in series from input to output is given
by:
PLDO = (VIN(LDO) – VOUT(LDO))
× I
OUT(LDO)
Minimum power dissipation and maximum efficiency are ac-
complished by choosing the lowest available input voltage that
exceeds the desired output voltage. However, if the chosen
input source is itself generated by a linear regulator, its power
dissipation will be increased in proportion to the additional
current it must now provide. For most PC systems, the lowest
available input source for the linear regulators which is not itself
generated by a linear regulator is 3.3 V from the main power
supply.
V
R
Rt
VV
Rt
k
V
Rt
k
RI
OS
C
TOTAL
OUT OS
TOTAL
TOTAL
CS OMAX
=×
+
 +
08
136
17
275
6
.
.
–.
()
ΩΩ
(2)
of a resistor and capacitor. The required resistor value can be
calculated from the equation:
R
kRt
kRt
C
TOTAL
TOTAL
=
×
275
275
Ω
Ω –
where
Rt
kR
I
VV
TOTAL
CS
OMAX
HI
LO
=
××
16 4
.
–
Ω
and where the quantities 16.4 k
Ω and 275 kΩ are characteristics
of the ADP3154 and the value of the current sense resistor, RCS,
has already been determined as above.
Although a single termination resistor equal to RC would yield
the proper voltage positioning gain, the dc biasing of that resis-
tor would determine how the regulation band is centered (i.e.,
offset). Note that sometimes the specified regulation band is
asymmetrical with respect to the nominal VID voltage. With the
ADP3154, the offset is already considered part of the design
procedure—no special provision is required. To accomplish the
dc biasing, it is simplest to use two resistors to terminate the gm
amplifier output, with the lower resistor tied to ground and the
upper resistor to the 12 V supply of the IC. The values of these
resistors can be calculated using:
RR
V
V
UPPER
C
DIV
OS
=×
and
RR
V
VV
LOWER
C
OS
DIV
OS
=×
–
where VDIV is the resistor divider supply voltage (e.g., the rec-
ommended 12 V), and VOS is the offset voltage required on the
amplifier to produce the desired offset at the output. VOS is
calculated using Equation 2 below, where VOUT(OS) is the offset
from the nominal VID-programmed value to the center of the
specified regulation window for the output voltage. (Note this
may be either positive or negative.) For clarification, that offset
is given by:
V
V
V
VID
OUT OS
HI
LO
()
()–
=+
1
2
where VHI and VLO are the respective upper and lower limits
allowed for regulation.
Finally, the compensating capacitance is determined from the
equality of the pole frequency of the error amplifier gain and the
zero frequency of the impedance of the output capacitor:
C
C
ESR
Rt
COMP
O
TOTAL
=
×
Trade-Offs Between DC Load Regulation and AC Load
Regulation
Casual observation of the circuit operation—e.g., with a voltmeter
—would make it appear that the dc load regulation appears
to be rather poor compared to a conventional regulator. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com