Electronic Components Datasheet Search
  English  ▼

X  

ADP3157 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3157
Description  5-Bit Programmable Synchronous Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3157 Datasheet(HTML) 5 Page - Analog Devices

  ADP3157 Datasheet HTML 1Page - Analog Devices ADP3157 Datasheet HTML 2Page - Analog Devices ADP3157 Datasheet HTML 3Page - Analog Devices ADP3157 Datasheet HTML 4Page - Analog Devices ADP3157 Datasheet HTML 5Page - Analog Devices ADP3157 Datasheet HTML 6Page - Analog Devices ADP3157 Datasheet HTML 7Page - Analog Devices ADP3157 Datasheet HTML 8Page - Analog Devices ADP3157 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
ADP3157
–5–
OUTPUT CURRENT – Amps
100
65
1.4
2.8
14
4.2
5.6
7
9.8 11.2 12.6
8.4
95
85
80
75
70
90
VOUT = 2.0V
VOUT = 2.8V
VOUT = 3.5V
SEE FIGURE 2
VOUT = 1.3V
Figure 4. Efficiency vs. Output
Current
2
500ns/DIV
1
PRIMARY
N-DRIVE
DRIVER OUTPUT
SECONDARY
N-DRIVE
DRIVER OUTPUT
DRIVE 1 AND 2 = 5V/DIV
SEE FIGURE 2
Figure 7. Gate Switching Waveforms
OUTPUT CURRENT
1A TO 19A
OUTPUT VOLTAGE
20mV/DIV
10 s/DIV
Figure 10. Load Transient Response,
1 A–19 A of Figure 2 Circuit
TIMING CAPACITOR – pF
50
100
800
200
300
400
500
600
700
450
400
0
200
150
100
50
350
250
300
Figure 5. Frequency vs. Timing
Capacitor
100ns/DIV
SEE FIGURE 2
VCC = +12V
VIN = +5V
IOUT = 10A
Figure 8. Driver Transition
Waveforms
3
4
10ms/DIV
REGULATOR
OUTPUT VOLTAGE
1V/DIV
VCC VOLTAGE
5V/DIV
Figure 11. Power-On Start-Up
Waveform
OPERATING FREQUENCY – kHz
45
397
58
83
134
45
40
0
20
15
10
5
35
25
30
QGATE(TOTAL) = 100nC
Figure 6. Supply Current vs. Oper-
ating Frequency
10 s/DIV
OUTPUT CURRENT
19A TO 1A
OUTPUT VOLTAGE
20mV/DIV
Figure 9. Load Transient Response,
19 A–1 A of Figure 2 Circuit
OUTPUT ACCURACY – %
15
0
25
20
10
5
TA = +25 C
SEE FIGURE 13
Figure 12. Output Accuracy
Distribution, VOUT = 2.0 V
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com