Electronic Components Datasheet Search
  English  ▼

X  

ADP3157JR Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3157JR
Description  5-Bit Programmable Synchronous Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3157JR Datasheet(HTML) 4 Page - Analog Devices

  ADP3157JR Datasheet HTML 1Page - Analog Devices ADP3157JR Datasheet HTML 2Page - Analog Devices ADP3157JR Datasheet HTML 3Page - Analog Devices ADP3157JR Datasheet HTML 4Page - Analog Devices ADP3157JR Datasheet HTML 5Page - Analog Devices ADP3157JR Datasheet HTML 6Page - Analog Devices ADP3157JR Datasheet HTML 7Page - Analog Devices ADP3157JR Datasheet HTML 8Page - Analog Devices ADP3157JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
ADP3157
–4–
P
SYSTEM
R1
105k
R2
18.2k
CT
200pF
22 F
1 F
22
IRL3803
IRL3803
10BQ015
1 F
ESR = 25m
EACH
2200 F
3
(25V)
L2
1 H
L1
1.7 H
RSENSE
5m
ESR = 25m
EACH
2200 F
6
(25V)
VO
1.3V TO
3.5V
0-19A
RTN
220
100k
VIN +5V
+5V RTN
+12V RTN
CCOMP
3600pF
ADP3157
SENSE–
VID2
VID3
VID4
SD
AGND
VID1
SENSE+
CT
CMP
PGND
DRIVE1
PWRGD
VCC
DRIVE2
VID0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1nF
220
VCC +12V
Figure 2. Typical VRM8.2/8.3/8.4 Compliant Core DC/DC Converter Circuit
gm
14
SD
VCC DRIVE1 DRIVE2 PGND
VREF +15%
5
AGND
PWRGD
SENSE+
DELAY
VREF +5%
VREF –5%
SENSE–
2R
ADP3157
CMPI
DAC
CMP
1.20V
VID0
1
VID1
2
VID2
3
VID3
4
VID4
VREF
VT1
CMPT
VT2
CT
SENSE–
6
REFERENCE
R
10
11
S
R
Q
OFF-TIME
CONTROL
13
12
NONOVERLAP
DRIVE
IN
CROWBAR
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com