Electronic Components Datasheet Search
  English  ▼

X  

ADP3157JR Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3157JR
Description  5-Bit Programmable Synchronous Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3157JR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3157JR Datasheet HTML 4Page - Analog Devices ADP3157JR Datasheet HTML 5Page - Analog Devices ADP3157JR Datasheet HTML 6Page - Analog Devices ADP3157JR Datasheet HTML 7Page - Analog Devices ADP3157JR Datasheet HTML 8Page - Analog Devices ADP3157JR Datasheet HTML 9Page - Analog Devices ADP3157JR Datasheet HTML 10Page - Analog Devices ADP3157JR Datasheet HTML 11Page - Analog Devices ADP3157JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
ADP3157
–8–
10 m
Ω ESR. The two capacitors have a total ESR of 5.0 mΩ when
connected in parallel, which gives adequate margin.
Inductor Selection
The minimum inductor value can be calculated from ESR, off-
time, dc output voltage and allowed peak-to-peak ripple voltage
using the following equation:
L
Vt
R
V
Vs
m
mV
H
MIN
O OFF
E MAX
RIPPLE p p
1
20
3
5 3
10
32
==
××
=
−
()
,
..
.
µ
µ
Ω
The minimum inductance gives a peak-to-peak ripple current of
2.55 A, or 15% of the maximum dc output current IOMAX.
The inductor peak current in normal operation is:
ILPEAK = IOMAX + IRPP/2 = 19.5 A
The inductor valley current is:
ILVALLEY = ILPEAK – IRPP = 14.5 A
The inductor for this application should have an inductance
of 3.3
µH at full load current and should not saturate at the
worst-case overload or short circuit current at the maximum
specified ambient temperature.
Tips for Selecting the Inductor Core
Ferrite designs have very low core loss, so the design should
focus on copper loss and on preventing saturation. Molypermalloy,
or MPP, is a low loss core material for toroids, and it yields the
smallest size inductor, but MPP cores are more expensive than
ferrite cores or the Kool M
µ® cores from Magnetics, Inc.
COUT Selection–Determining the Capacitance
The minimum capacitance of the output capacitor is determined
from the requirement that the output be held up while the in-
ductor current ramps up (or down) to the new value. The mini-
mum capacitance should produce an initial dv/dt which is equal
(but opposite in sign) to the dv/dt obtained by multiplying the
di/dt in the inductor and the ESR of the capacitor:
C
II
Rdi dt
AA
mV
H
F
MIN
OMAX
OMIN
E
= ()
×
=
() ×
×
=µ
–.
(/)
–.
(.
/
.
)
0 8
17
1
0 8
52 0
3 0
3840
Ωµ
In the above equation the value of di/dt is calculated as the
smaller voltage across the inductor (i.e., VIN–VOUT rather than
VOUT) divided by the maximum inductance inductor. The two
parallel-connected 2200
µF capacitors have a total capacitance
of 4400
µF, so the minimum capacitance requirement is met
with ample margin.
RSENSE
The value of RSENSE is based on the required output current.
The current comparator of the ADP3157 has a threshold range
that extends from 0 mV to 125 mV (minimum). Note that the
full 125 mV range cannot be used for the maximum specified
nominal current, as headroom is needed for current ripple, and
transients.
The current comparator threshold sets the peak of the inductor
current yielding a maximum output current, IOMAX, which equals
the peak value less half of the peak-to-peak ripple current. Solv-
ing for RSENSE, allowing a 20% margin for overhead, and using
the minimum current sense threshold of 125 mV, yields:
RSENSE = (125 mV)/[1.2(IOMAX + IRPP/2)] = 5.0 mΩ
Once RSENSE has been chosen, the peak short-circuit current
ISC(PK) can be predicted from the following equation:
ISC(PK) = (145 mV)/RSENSE = (145 mV)/(5.0 mΩ) = 29 A
The actual short-circuit current is less than the above calculated
ISC(PK) value because the off-time rapidly increases when the
output voltage drops below 1 V. The relationship between the
off-time and the output voltage is:
t
CV
V
k
A
OFF
T
O
≈
×
+
1
360
2
Ω
µ
With a short circuit across the output, the off-time will be about
70
µs. During that time the inductor current gradually decays.
The amount of decay depends on the L/R time constant in the
output circuit. With an inductance of 3.3
µH and total resis-
tance of 22 m
Ω, the time constant will be 73 µs. This yields an
average short-circuit current of about 20 A. To safely carry the
short-circuit current, the sense resistor must have a power rating
of at least 20 A
2
× 5.0 mΩ = 2.0 W.
Current Transformer Option
An alternative to using a low value and high power current sense
resistor is to reduce the sensed current by using a low cost cur-
rent transformer and a diode. The current can then be sensed
with a small-size, low cost SMT resistor. Using a transformer
with one primary and 50 secondary turns reduces the worst-case
resistor dissipation to a few mW. Another advantage of using
this option is the separation of the current and voltage sensing,
which makes the voltage sensing more accurate.
Power MOSFETs
Two external N-channel power MOSFETs must be selected for
use with the ADP3157, one for the main switch, and an identi-
cal one for the synchronous switch. The main selection param-
eters for the power MOSFETs are the threshold voltage VGS(TH)
and the on resistance RDS(ON).
The minimum input voltage dictates whether standard threshold
or logic-level threshold MOSFETs must be used. For VIN > 8 V,
standard threshold MOSFETs (VGS(TH) < 4 V) may be used. If
VIN is expected to drop below 8 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are strongly recommended. Only logic-level
MOSFETs with VGS ratings higher than the absolute maximum
of VCC should be used.
The maximum output current IOMAX determines the RDS(ON)
requirement for the two power MOSFETs. When the ADP3157
is operating in continuous mode, the simplifying assumption can
be made that one of the two MOSFETs is always conducting
the average load current. For VIN = 5 V and VOUT = 2.8 V, the
maximum duty ratio of the high side FET is:
DMAXHF = (1–fMIN × tOFF) = (1 kHz–180 kHz × 3.0 µs) = 46%
The maximum duty ratio of the low side (synchronous rectifier)
FET is:
DMAXLF = 1 – DMAXHF = 54%
The maximum rms current of the high side FET is:
I
RMSHS = [DMAXHF (ILVALLEY2 + ILPEAK2 + ILVALLEYILPEAK)/3]
0.5
= 11.6
A rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com