Electronic Components Datasheet Search
  English  ▼

X  

ADP3159 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3159
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3159 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3159 Datasheet HTML 6Page - Analog Devices ADP3159 Datasheet HTML 7Page - Analog Devices ADP3159 Datasheet HTML 8Page - Analog Devices ADP3159 Datasheet HTML 9Page - Analog Devices ADP3159 Datasheet HTML 10Page - Analog Devices ADP3159 Datasheet HTML 11Page - Analog Devices ADP3159 Datasheet HTML 12Page - Analog Devices ADP3159 Datasheet HTML 13Page - Analog Devices ADP3159 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
ADP3159/ADP3179
Surface mount MOSFETs are preferred in CPU core converter
applications due to their ability to be handled by automatic
assembly equipment. The TO-263 package offers the power
handling of a TO-220 in a surface-mount package. However,
this package still needs adequate copper area on the PCB to
help move the heat away from the package.
The junction temperature for a given area of 2-ounce copper
can be approximated using:
TP
T
AD
A
JJ
=×
()+
θ
(21)
assuming:
θ
JA = 45
°C/W for 0.5 in2
θJA = 36°C/W for 1 in2
θJA = 28°C/W for 2 in2
For 1 in
2 of copper area attached to each transistor and an
ambient temperature of 50
°C:
TJHSF = (36
°C/W × 1.48 W ) + 50°C = 103°C
TJLSF = (36
°C/W × 1.08 W ) + 50°C = 89°C
All of the above-calculated junction temperatures are safely
below the 175
°C maximum specified junction temperature of
the selected MOSFETs.
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to VOUT/VIN and an amplitude of one-half of the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum rms current
must be used. The maximum rms capacitor current is given by:
II
D
D
AA
C RMS
O
HSF
HSF
()
.
– ..
=−
=
=
2
2
15
0 36
0 36
7 2
(22)
For a ZA-type capacitor with 1000
µF capacitance and 6.3 V
voltage rating, the ESR is 24 m
Ω and the maximum allowable
ripple current at 100 kHz is 2 A. At 105
°C, at least four such
capacitors must be connected in parallel to handle the calculated
ripple current. At 50
°C ambient, however, a higher ripple cur-
rent can be tolerated, so three capacitors in parallel are adequate.
The ripple voltage across the three paralleled capacitors is:
VI
ESR
n
D
nC
f
VA
m
F
kHz
mV
C IN RIPPLE
O
CIN
C
HSF
C
IN
MAX
C IN RIPPLE
()
()
()
%
=×
+
××


=×
Ω +
×µ ×


=
15
24
3
36
3 1000
195
129
(23)
To further reduce the effect of the ripple voltage on the system
supply voltage bus, and to reduce the input-current di/dt to
below the recommended maximum of 0.1 A/ms, an additional
small inductor (L > 1
µH @ 10 A) should be inserted between
the converter and the supply bus.
Feedback Compensation for Active Voltage Positioning
Optimized compensation of the ADP3159 allows the best pos-
sible containment of the peak-to-peak output voltage deviation.
Any practical switching power converter is inherently limited by
the inductor in its output current slew rate to a value much less
than the slew rate of the load. Therefore, any sudden change of
load current will initially flow through the output capacitors,
and this will produce an output voltage deviation equal to the
ESR of the output capacitor array times the load current change.
CH2
TEK RUN: 200kS/s SAMPLE
100mV
CH1
M 250 s
CH2
680mV
2
TRIG'D
Figure 4. Transient Response of the Circuit of Figure 3
0
0
2
OUTPUT CURRENT – A
10
20
30
40
50
60
70
80
90
100
46
8
10
12
14
16
18
20
Figure 5. Efficiency vs. Load Current of the Circuit
of Figure 3
To correctly implement active voltage positioning, the low fre-
quency output impedance (i.e., the output resistance) of the
converter should be made equal to the maximum ESR of the
output capacitor array. This can be achieved by having a single-
pole roll-off of the voltage gain of the gm error amplifier, where
the pole frequency coincides with the ESR zero of the output
capacitor. A gain with single-pole roll-off requires that the gm
amplifier output pin be terminated by the parallel combination
of a resistor and capacitor. The required resistor value can be
calculated from the equation:
R
RR
RR
Mk
Mk
k
COMP
OGM
TOTAL
OGM
TOTAL
=
×
=
Ω×
Ω
ΩΩ
=Ω
–
.
– .
.
19 1
19 1
92
(24)
where:
R
nR
gR
m
mmho
m
k
TOTAL
I
SENSE
m
E MAX
=
×
×
=
×Ω
×Ω
=Ω
()
.
.
25
4
22
5
91
(25)
In Equations 24 and 25, ROGM is the internal resistance of the
gm amplifier, nI is the division ratio from the output voltage to
signal of the gm amplifier to the PWM comparator, and gm is the
transconductance of the gm amplifier itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com