Electronic Components Datasheet Search
  English  ▼

X  

ADP3159 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3159
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3159 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3159 Datasheet HTML 8Page - Analog Devices ADP3159 Datasheet HTML 9Page - Analog Devices ADP3159 Datasheet HTML 10Page - Analog Devices ADP3159 Datasheet HTML 11Page - Analog Devices ADP3159 Datasheet HTML 12Page - Analog Devices ADP3159 Datasheet HTML 13Page - Analog Devices ADP3159 Datasheet HTML 14Page - Analog Devices ADP3159 Datasheet HTML 15Page - Analog Devices ADP3159 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
ADP3159/ADP3179
Efficiency of the Linear Regulators
The efficiency and corresponding power dissipation of each
of the linear regulators are not determined by the controller
IC. Rather, these are a function of input and output voltage and
load current. Efficiency is approximated by the formula:
η=
×
100%
V
V
OUT
IN
(34)
The corresponding power dissipation in the MOSFET, together
with any resistance added in series from input to output, is
given by:
PV
V
I
LDO
IN
OUT
OUT
=×
(
–
)
(35)
Minimum power dissipation and maximum efficiency are accom-
plished by choosing the lowest available input voltage that exceeds
the desired output voltage. However, if the chosen input source
is itself generated by a linear regulator, its power dissipation will
be increased in proportion to the additional current it must
now provide.
Implementing Current Limit for the Linear Regulators
The circuit of Figure 6 gives an example of a current limit pro-
tection circuit that can be used in conjunction with the linear
regulators. The output voltage is internally set by the LRFB pin.
The value of the current sense resistor may be calculated as
follows:
R
mV
I
mV
A
m
S
O MAX
≅==
Ω
540
540
22
250
()
.
(36)
The power rating of the current sense resistor must be at least:
PR
I
W
DRS
SO MAX
()
(
)
.
=×
=
2
12
(37)
The maximum linear regulator MOSFET junction temperature
with a shorted output is:
TT
V
I
TC
C W
V
A
C
MAX
A
C
IN
O MAX
MAX
JJ
J
()
()
()
()
(.
/
( .
.
)
=+
×
×
=° +
°
×
×
=°
θ
50
14
33
22
60
(38)
which is within the maximum allowed by the MOSFET’s data
sheet specification. The maximum MOSFET junction tempera-
ture at nominal output is:
TT
V
V
I
TC
C W
V
V
A
C
NOM
A
C
IN
OUT
O NOM
NOM
JJ
J
()
()
()
((
–
))
(.
/
( .
– .)
)
=+
×
×
=° +
°
×
×
=
°
θ
50
14
33
25
2
52
(39)
This example assumes an infinite heatsink. The practical limita-
tion will be based on the actual heatsink used.
LAYOUT AND COMPONENT PLACEMENT GUIDELINES
The following guidelines are recommended for optimal perfor-
mance of a switching regulator in a PC system:
General Recommendations
1.
For best results, a four-layer PCB is recommended. This
should allow the needed versatility for control circuitry
interconnections with optimal placement, a signal ground
plane, power planes for both power ground and the input
power (e.g., 5 V), and wide interconnection traces in the
rest of the power delivery current paths.
2.
Whenever high currents must be routed between PCB
layers, vias should be used liberally to create several parallel
current paths so that the resistance and inductance introduced
by these current paths is minimized and the via current
rating is not exceeded.
3.
If critical signal lines (including the voltage and current
sense lines of the controller IC) must cross through
power circuitry, it is best if a ground plane can be inter-
posed between those signal lines and the traces of the
power circuitry. This serves as a shield to minimize noise
injection into the signals at the cost of making signal
ground a bit noisier.
4.
The GND pin of the controller IC should connect first to
a ceramic bypass capacitor (on the VCC pin) and then into
the power ground plane. However, the ground plane should
not extend under other signal components, including the
ADP3159 itself.
5.
The output capacitors should also be connected as closely
as possible to the load (or connector) that receives the
power (e.g., a microprocessor core). If the load is distributed,
the capacitors should also be distributed, and generally in
proportion to where the load tends to be more dynamic. It
is also advised to keep the planar interconnection path short
(i.e., have input and output capacitors close together).
6.
Absolutely avoid crossing any signal lines over the switching
power path loop, described below.
Power Circuitry
7.
The switching power path should be routed on the PCB to
encompass the smallest possible area in order to minimize
radiated switching noise energy (i.e., EMI). Failure to take
proper precaution often results in EMI problems for the
entire PC system as well as noise-related operational prob-
lems in the power converter control circuitry. The switching
power path is the loop formed by the current path through
the input capacitors, the two FETs, and the power Schottky
diode, if used, including all interconnecting PCB traces and
planes. The use of short and wide interconnection traces is
especially critical in this path for two reasons: it minimizes
the inductance in the switching loop, which can cause high-
energy ringing, and it accommodates the high current demand
with minimal voltage loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com