Electronic Components Datasheet Search
  English  ▼

X  

ADP3339 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3339
Description  High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339 Datasheet(HTML) 7 Page - Analog Devices

  ADP3339 Datasheet HTML 1Page - Analog Devices ADP3339 Datasheet HTML 2Page - Analog Devices ADP3339 Datasheet HTML 3Page - Analog Devices ADP3339 Datasheet HTML 4Page - Analog Devices ADP3339 Datasheet HTML 5Page - Analog Devices ADP3339 Datasheet HTML 6Page - Analog Devices ADP3339 Datasheet HTML 7Page - Analog Devices ADP3339 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3339
–7–
CALCULATING POWER DISSIPATION
Device power dissipation is calculated as follows:
PV
V
I
V
I
D
IN
OUT
LOAD
IN
GND
=−
(
)×+( )×
Where ILOAD and IGND are load current and ground current, VIN
and VOUT are the input and output voltages respectively.
Assuming worst-case operating conditions are ILOAD = 1.5 A,
IGND = 14 mA, VIN = 3.3 V, and VOUT = 2.5 V, the device power
dissipation is:
P
V
V
mA
V
mA
mW
D
=
()
+
()
=
3 3
2 5
1500
3 3
14
1246
.
– ..
So, for a maximum junction temperature of 125
°C and a
maximum ambient temperature of 85
°C, the required ther-
mal resistance from junction to ambient is:
θ
JA
CC
W
CW
=
°− ° =°
125
85
1 246
32 1
.
./
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The SOT-223’s thermal resistance,
θ
JA, is determined by the
sum of the junction-to-case and the case-to-ambient thermal
resistances. The junction-to-case thermal resistance,
θJC, is
determined by the package design and specified at 26.8
°C/W.
However, the case-to-ambient thermal resistance is determined
by the printed circuit board design.
As shown in Figures 4a–4c, the amount of copper to which the
ADP3339 is mounted affects the thermal performance. When
mounted to just the minimal pads of 2 oz. copper (Figure 4a),
the
θJA is 126.6°C/W. By adding a small copper pad under the
ADP3339 (Figure 4b), reduces the
θ
JA to 102.9
°C/W. Increasing
the copper pad to 1 square inch (Figure 4c), reduces the
θJA
even further to 52.8
°C/W.
a.
b.
c.
Figure 4. PCB Layouts
Use the following general guidelines when designing printed
circuit boards:
1. Keep the output capacitor as close to the output and ground
pins as possible.
2. Keep the input capacitor as close to the input and ground
pins as possible.
3. PC board traces with larger cross sectional areas will remove
more heat from the ADP3339. For optimum heat transfer,
specify thick copper and use wide traces.
4. The thermal resistance can be decreased by adding a copper
pad under the ADP3339 as shown in Figure 4b.
5. If possible, utilize the adjacent area to add more copper
around the ADP3339. Connecting the copper area to the
output of the ADP3339, as shown in Figure 4c, is best but
will improve thermal performance even if it is connected to
other pins.
6. Use additional copper layers or planes to reduce the thermal
resistance. Again, connecting the other layers to the output
of the ADP3339 is best, but not necessary. When connecting
the output pad to other layers use multiple vias.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com