Electronic Components Datasheet Search
  English  ▼

X  

ADP3339 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3339
Description  High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339 Datasheet(HTML) 4 Page - Analog Devices

  ADP3339 Datasheet HTML 1Page - Analog Devices ADP3339 Datasheet HTML 2Page - Analog Devices ADP3339 Datasheet HTML 3Page - Analog Devices ADP3339 Datasheet HTML 4Page - Analog Devices ADP3339 Datasheet HTML 5Page - Analog Devices ADP3339 Datasheet HTML 6Page - Analog Devices ADP3339 Datasheet HTML 7Page - Analog Devices ADP3339 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
ADP3339
–4–
–Typical Performance Characteristics (T
A = 25 C unless otherwise noted.)
SUPPLY VOLTAGE – V
3.301
3
3.300
3.299
3.298
3.297
3.296
3.295
3.294
3.293
45
6
7
VOUT = 3.3V
ILOAD = 0A
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 500mA
TPC 1. Output Voltage vs. Supply
Voltage
LOAD CURRENT – A
14
0
12
10
8
6
4
2
0
0.5
1.0
1.5
VOUT = 3.0V
VIN = 6V
TPC 4. Ground Current vs.
Load Current
LOAD CURRENT – mA
250
200
150
100
50
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VOUT = 3.3V
TPC 7. Dropout Voltage vs. Load
Current
LOAD CURRENT – A
3.301
0
3.300
3.299
3.298
3.297
3.296
3.295
3.294
0.5
1.0
1.5
VIN = 6V
TPC 2. Output Voltage vs. Load
Current
JUNCTION TEMPERATURE – C
1.0
–40
0.8
0.6
0.4
0.2
0
–0.2
VIN = 6V
VOUT = 3.3V
–20
0
20
40
60
80 100 120 140
ILOAD = 10mA
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 500mA
TPC 5. Output Voltage Variation
% vs. Junction Temperature
VOUT = 3.3V
ILOAD = 1.5A
3
2
1
0
12
3
4
5
6
78
9
10
TIME –
s
TPC 8. Power-Up/Power-Down
SUPPLY VOLTAGE – V
180
0
160
140
120
60
40
20
0
48
12
610
2
VOUT = 3.3V
ILOAD = 0A
100
80
TPC 3. Ground Current
vs. Supply Voltage
JUNCTION TEMPERATURE – C
–40
25
20
15
10
5
0
10
60
110
VOUT = 3.3V
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 0.5A
ILOAD = 1mA
160
TPC 6. Ground Current vs.
Junction Temperature
VOUT = 3.3V
ILOAD = 1.5A
COUT = 1 F
3.31V
80
120
140
180
TIME –
s
3.30V
3.29V
5V
4V
40
220
TPC 9. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com