Electronic Components Datasheet Search
  English  ▼

X  

ADP3401 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3401
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3401 Datasheet(HTML) 5 Page - Analog Devices

  ADP3401 Datasheet HTML 1Page - Analog Devices ADP3401 Datasheet HTML 2Page - Analog Devices ADP3401 Datasheet HTML 3Page - Analog Devices ADP3401 Datasheet HTML 4Page - Analog Devices ADP3401 Datasheet HTML 5Page - Analog Devices ADP3401 Datasheet HTML 6Page - Analog Devices ADP3401 Datasheet HTML 7Page - Analog Devices ADP3401 Datasheet HTML 8Page - Analog Devices ADP3401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP3401
–5–
REV. 0
ABSOLUTE MAXIMUM RATINGS
*
Voltage on Any Pin with Respect
to Any GND Pin . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +10 V
Voltage on Any Pin May Not Exceed VBAT,
with the Following Exceptions: VRTC, VSIM,
CAP+, PWRONIN, I/O, CLK, RST
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –20
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
θ
JA, Thermal Impedance (TSSOP-28) . . 2-Layer Board 90
°C/W
θ
JA, Thermal Impedance (TSSOP-28) . . 4-Layer Board 60
°C/W
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
*This is a stress rating only, operation beyond these limits can cause the device to
be permanently damaged.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3401 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3401
SIMGND
CLKIN
RESETIN
DATAIO
SIMBAT
CAP
VRTC
VBAT
VCC
PWRONKEY
ANALOGON
CHRON
ROWX
PWRONIN
I/O
RST
SIMPROG
SIMON
CLK
VSIM
CAP+
AGND
VCCA
REFOUT
RESET
RESCAP
DGND
VTCXO
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
VBAT
Battery Input Voltage
2
VCC
Digital Low Dropout Regulator
3
PWRONKEY
Power On/Off Key
4
ANALOGON
VTCXO Enable
5
PWRONIN
Power On/Off Signal from
Microprocessor
6
ROWX
Microprocessor Keyboard Output
7
CHRON
Charger On/Off Input
8
VRTC
Real-Time Clock Supply/Coin
Cell Battery Charger
9
CAP–
Negative Side of Boost Capacitor
10
SIMBAT
Battery Input for the SIM
Charge Pump
11
DATAIO
Non-Level-Shifted Bidirectional
Data I/O
12
RESETIN
Non-Level-Shifted SIM Reset
13
CLKIN
Non-Level-Shifted Clock
14
SIMGND
Charge Pump Ground
15
I/O
Level-Shifted Bidirectional SIM
Data Input/Output
16
RST
Level-Shifted SIM Reset
17
SIMPROG
VSIM Programming:
Low = 3 V, High = 5 V
18
SIMON
VSIM Enable
19
CLK
Level-Shifted SIM Clock
20
VSIM
SIM Supply
21
CAP+
Positive Side of Boost Capacitor
22
RESCAP
Reset Delay Timing Cap
23
DGND
Digital Ground
24
VTCXO
Crystal Oscillator Low Dropout
Regulator
25
RESET
Main Reset
26
REFOUT
Reference Output
27
VCCA
Analog Low Dropout Regulator
28
AGND
Analog Ground
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3401ARU –20
°C to +85°C 28-Lead TSSOP RU-28A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com