Electronic Components Datasheet Search
  English  ▼

X  

ADP3401 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3401
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3401 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3401 Datasheet HTML 4Page - Analog Devices ADP3401 Datasheet HTML 5Page - Analog Devices ADP3401 Datasheet HTML 6Page - Analog Devices ADP3401 Datasheet HTML 7Page - Analog Devices ADP3401 Datasheet HTML 8Page - Analog Devices ADP3401 Datasheet HTML 9Page - Analog Devices ADP3401 Datasheet HTML 10Page - Analog Devices ADP3401 Datasheet HTML 11Page - Analog Devices ADP3401 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP3401
–10–
REV. 0
AMBIENT TEMPERATURE – C
300
0
20
0
20
40
60
80
250
200
150
100
50
85
VBAT = 5.5V
VBAT = 7V
VBAT = 6V
VBAT = 5V
4-LAYER BOARD
JA = 60 C/W
Figure 16. Total LDO Load Current vs. Temperature and VBAT
Low Dropout Regulators (LDOs)
The ADP3401 high-performance LDOs are optimized for
their given functions by balancing quiescent current, dropout
voltage, line/load regulation, ripple rejection, and output
noise. 2.2
µF tantalum or MLCC ceramic capacitors are
recommended for use with the digital and analog LDOs, and
0.22
µF for the TCXO LDO.
Digital LDO (VCC)
The digital LDO (VCC) supplies all the digital circuitry in the
handset (baseband processor, baseband converter, external
memory, display, etc). The LDO has been optimized for very
low quiescent current (30
µA maximum) at light loads as this
LDO is on at all times. This is due to both the structure of GSM
and a new clocking scheme used in the AD20msp425. Figure 17
shows how the digital current varies as a function of time.
TIME
~50mA
MICROPROCESSOR
START
MICROPROCESSOR
STOP
~2ms
~200 A
0.5s TO 2s
Figure 17. Digital Power as a Function of Time
Analog LDO (VCCA)
This LDO has the same features as the digital LDO. It has further-
more been optimized for good low frequency ripple rejection for use
with analog sections in order to reject the ripple coming from the RF
power amplifier. VCCA is rated to 130 mA load which is sufficient
to supply the complete analog section of a baseband converter such
as the AD6421/AD6425, including a 32
Ω earpiece. The analog
LDO and the TCXO LDO can be controlled by ANALOGON.
TCXO LDO (VTCXO)
The TCXO LDO is intended as a supply for the temperature-
compensated crystal oscillator, which needs its own ultralow noise
supply. The output current is rated to 5 mA for the TCXO LDO.
RTC LDO (VRTC)
The RTC LDO charges a rechargable coin cell to run the real-
time clock module. It has been targeted to charge Manganese
Lithium batteries such as the ML series (ML621/ML1220)
from Sanyo. The ML621 has a small physical size (6.8 mm
diameter) and a nominal capacity of 2.5 mAh, which yields
about 250 hours of backup time.
Figure 18 shows the use of VRTC with the Enhanced GSM
Processor which is a part of the AD20msp425 chipset.
ADP3401
ENHANCED
GSM PROCESSOR
(AD20msp425)
VRTC
PWRON
PWRONIN
COIN
CELL
VRTC
RTC
MODULE
Figure 18. Connecting VRTC and POWERONIN to the
AD20msp425 Chipset
The ADP3401 supplies current both for charging the coin cell and
for the RTC module when the digital supply is off. The nominal
charging voltage of 2.85 V ensures charging down to a main
battery voltage of 3.0 V. The inherent current limit of VRTC
ensures long cell life while the precise output voltage regulation
charges the cell to more than 90% of its capacity. In addition, it
features a very low quiescent current (10
µA) since this LDO is
running all the time, even when the handset is switched off. It also
has reverse current protection with low leakage which is needed
when the main battery is removed and the coin cell supplies the
RTC module.
The RTC module has a built-in alarm which, when it expires,
will pull POWERONIN high, allowing an alarm function even if
the handset is switched off.
Reference Output (REFOUT)
The reference output is a low-noise, high-precision reference
with a guaranteed accuracy of 1.5% over temperature. The
reference can be fed to the baseband converter, such as the
AD6425, improving the absolute accuracy of the converters
from 5% to 1.5%. This significantly reduces calibration time
needed for the baseband converter during production.
SIM Interface
The SIM interface generates the needed SIM voltage—either 3 V
or 5 V, dependent on SIM type, and also performs the needed
logic level translation. Quiescent current is low, as the SIM card
will be powered all the time. Note that DATAIO and I/O have
integrated pull-up resistors as shown in Figure 19. See Table II for
the control logic of the charge pump output, VSIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com