Electronic Components Datasheet Search
  English  ▼

X  

ADP3402 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3402
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3402 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3402 Datasheet HTML 4Page - Analog Devices ADP3402 Datasheet HTML 5Page - Analog Devices ADP3402 Datasheet HTML 6Page - Analog Devices ADP3402 Datasheet HTML 7Page - Analog Devices ADP3402 Datasheet HTML 8Page - Analog Devices ADP3402 Datasheet HTML 9Page - Analog Devices ADP3402 Datasheet HTML 10Page - Analog Devices ADP3402 Datasheet HTML 11Page - Analog Devices ADP3402 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. 0
ADP3402
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Split the battery connection to the VBAT and SIMBAT pins
of the ADP3402. Use separate traces for each connection
and locate the input capacitors as close to the pins as possible.
2. SIM input and output capacitors should be returned to the
SIMGND and kept as close as possible to the ADP3402 to
minimize noise. Traces to the SIM charge pump capacitor
should be kept as short as possible to minimize noise.
3. VCCA and VTCXO capacitors should be returned to
AGND.
4. VCC and VRTC capacitors should be returned to DGND.
5. Split the ground connections. Use separate traces or planes for
the analog, digital, and power grounds, and tie them together
at a single point, preferably close to the battery return.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Thin Shrink Small Outline (TSSOP)
(RU-28A)
0.244 (6.20)
0.236 (6.00)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
0.325 (8.25)
0.313 (7.95)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433 (1.10)
MAX
0.0374 (0.95)
0.0335 (0.85)
0.0078 (0.200)
0.0035 (0.090)
0.030 (0.75)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12