Electronic Components Datasheet Search
  English  ▼

X  

ADP3410 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3410
Description  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3410 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices ADP3410 Datasheet HTML 10Page - Analog Devices ADP3410 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV. 0
DRVH
DRVL
IN
VCC = 5V
CLOAD = 3nF
VSW = 0V
TIME – ns
20ns/DIV
2V/DIV
Figure 7. DRVH Fall and DRVL Rise
Times
AMBIENT TEMPERATURE – C
30
25
0
0
85
25
50
75
20
15
10
5
35
RISE TIME
FALL TIME
VCC = 5V
CLOAD = 3nF
Figure 10. DRVL Rise and Fall Times
vs. Temperature
JUNCTION TEMPERATURE – C
30
25
0
0
25
50
75
tpdlDRVH
VCC = 5V
CLOAD = 3nF
tpdlDRVL
20
15
10
5
100
125
Figure 13. Propagation Delay vs.
Temperature
DRVL
DRVH
IN
VCC = 5V
CLOAD = 3nF
CDLY = 20pF
TIME – ns
20ns/DIV
2V/DIV
Figure 8. DRVL Fall and DRVH Rise
Times
CAPACITANCE – nF
40
0
6
1
234
5
VCC = 5V
TA = 25 C
30
20
10
0
DRVH
DRVL
Figure 11. DRVH and DRVL Rise
Times vs. Load Capacitance
IN FREQUENCY – kHz
40
0
35
20
15
10
5
30
25
0
1200
200
400
600
800
1000
VCC = 5V
TA = 25 C
CLOAD = 3nF
Figure 14. Supply Current vs.
Frequency
JUNCTION TEMPERATURE – C
30
25
0
0
85
25
50
75
20
15
10
5
RISE TIME
FALL TIME
VCC = 5V
CLOAD = 3nF
Figure 9. DRVH Rise and Fall Times
vs. Temperature
CAPACITANCE – nF
35
0
30
25
20
15
10
5
0
123
4
5
6
VCC = 5V
TA = 25 C
DRVH
DRVL
Figure 12. DRVH and DRVL Fall Times
vs. Load Capacitance
JUNCTION TEMPERATURE – C
11.0
10.5
9.0
0
125
25
50
75
100
10.0
9.5
VCC = 5V
fIN = 250kHz
CLOAD = 3nF
Figure 15. Supply Current vs.
Temperature
Typical Performance Characteristics–ADP3410
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com