Electronic Components Datasheet Search
  English  ▼

X  

ADP3410 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3410
Description  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3410 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices ADP3410 Datasheet HTML 10Page - Analog Devices ADP3410 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REV. 0
ADP3410
–10–
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Trace out the high-current paths and use short, wide traces
to make these connections.
2. Split the ground connections. Use separate planes for the
signal and power grounds, and tie them together at a single
point near the ADP3410.
3. The VCC bypass capacitor should be located as close as
possible to VCC and PGND pins.
Typical Application Circuit
The circuit in Figure 16 shows how the ADP3410 can be com-
bined with the ADP3421 to form a total power conversion solution
for a microprocessor. The combination provides the supply
voltages for the core processor, the I/O interface, and the clock.
VHYS
ADP3421
1
CLSET
2
LTO
3
LTI
4
LTB
5
VID4
6
VID3
7
VID2
8
VID1
9
VID0
10
CLKDRV
11
CLKFB
12
IODRV
13
IOFB
14
SD 15
PWRGD 16
UVLO 17
SSL 18
SSC 19
CORE 20
DACOUT 21
GND 22
OUT 23
VCC 24
RAMP 25
REG 26
CS+ 27
CS– 28
U1
R1
51.1k
R2
160k
3.3V
R10
10k
C2
100nF
C3
68 F
VRON
Q2
2N3906
C14
100 F
M1
IRF7811
D2
10BQ040
OVPSET
ADP3410
SD
GND
IN
DRVLSD
DLY
VCCGD
VCC
DRVL
PGND
SRMON
SW
DRVH
BST
U2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C20
10 F
Q1
MJD210
FROM
CPU
R11
220k
R12
470k
C22
1nF
C21
1.5nF
C1
100nF
C31
1pF
R16
3.3k
C41
1pF
C29
100pF
R17
75k
R6
7.5k
R5
10k
R18
576k
C23
1nF
C25
22nF
R21,10k
R19
2k
R15
332
R22
100k
C18
10pF
C28
10 F
C17
100nF
5V
M2
IRF7811
R8
2.2
R9
2.2
M3
IRF7811
VIN
L1
1 H
D1
10BQ040
RCS
5m
C32
15nF
C10
10 F
C15
10 F
C16
10 F
C4–C6,
C11, C12,
C26, C27
220 F
7
VCC ON CORE SENSE
V GATE
VCC CPU IO
VCC CPU CLK
VCC
CPU
CORE
GND
R20
10
Figure 16. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com