Electronic Components Datasheet Search
  English  ▼

X  

ADP3412 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3412
Description  Dual MOSFET Driver with Bootstrapping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3412 Datasheet(HTML) 8 Page - Analog Devices

  ADP3412 Datasheet HTML 1Page - Analog Devices ADP3412 Datasheet HTML 2Page - Analog Devices ADP3412 Datasheet HTML 3Page - Analog Devices ADP3412 Datasheet HTML 4Page - Analog Devices ADP3412 Datasheet HTML 5Page - Analog Devices ADP3412 Datasheet HTML 6Page - Analog Devices ADP3412 Datasheet HTML 7Page - Analog Devices ADP3412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
–8–
ADP3412
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline Package
(R-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0196 (0.50)
0.0099 (0.25)
45
8
0
0.102 (2.59)
0.094 (2.39)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.2440 (6.20)
0.2284 (5.80)
1000 F
6
RUBYCON ZA SERIES
1
2
3
4
8
7
6
5
BST
IN
DLY
VCC
DRVH
SW
PGND
DRVL
U2
ADP3412
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
U1
ADP3160
VID4
VID3
VID2
VID1
VCC
REF
CS–
PWM1
VID0
COMP
FB
CT
PWM2
CS+
PWRGND
GND
U3
ADP3412
C15
C14
C13
C12
VIN
5V
VIN RTN
RA
14.7k
RB
22.1k
COC
1nF
RZ
10k
FROM
CPU
C11 C16 C17 C18 C19 C20 C27 C28
VCC(CORE)
1.1V – 1.85V
35A
VCC(CORE)
RTN
Q3
FDB6035AL
D1
MBR052LTI
Q5
2N3904
L2
600nH
L1
600nH
Q1
FDB6035AL
Q2
FDB7030L
C10
1 F
D2
MBR052LTI
C7
15pF
C5
1 F
Z1
ZMM5236BCT
R5
2.4k
R8
330
C23
330pF
C22
1nF
C4
4.7 F
R6
10
C21
15nF
C26
4.7 F
C8
15pF
C6
1 F
C9
1 F
R7
20
R4
5m
C2
100pF
C1
150pF
R1
1k
Q4
FDB7030L
+
+
+
+
+
+
+
+
1000 F
8
RUBYCON ZA SERIES
24m
ESR (EACH)
12V VCC
12V VCC RTN
C25
C24
1
2
3
4
8
7
6
5
BST
IN
DLY
VCC
DRVH
SW
PGND
DRVL
Figure 4. 35 A Athlon CPU Supply Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com