Electronic Components Datasheet Search
  English  ▼

X  

CPC2025N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC2025N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2025N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC2025N Datasheet HTML 1Page - IXYS Corporation CPC2025N Datasheet HTML 2Page - IXYS Corporation CPC2025N Datasheet HTML 3Page - IXYS Corporation CPC2025N Datasheet HTML 4Page - IXYS Corporation CPC2025N Datasheet HTML 5Page - IXYS Corporation CPC2025N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2025N
www.ixysic.com
3
R02
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
35
30
25
20
15
10
5
0
1.21
1.22
1.23
1.24
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=60mA)
Turn-Off Time (ms)
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=60mA)
LED Forward Current (mA)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15
Typical LED Forward Current
to Activate
(N=50, I
L=120mA)
30
25
20
15
10
5
0
17.5
18.5
19.5
20.5
18.0
19.0
20.0
On-Resistance ( )
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=120mA)
Blocking Voltage (V
P)
416
419
422
425
428
431
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
LED Forward Voltage
vs. LED Forward Current
LED Forward Current (mA)
010
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA)
LED Forward Current (mA)
0
1020
304050
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com