Electronic Components Datasheet Search
  English  ▼

X  

CPC2025N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2025N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2025N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2025N Datasheet HTML 1Page - IXYS Corporation CPC2025N Datasheet HTML 2Page - IXYS Corporation CPC2025N Datasheet HTML 3Page - IXYS Corporation CPC2025N Datasheet HTML 4Page - IXYS Corporation CPC2025N Datasheet HTML 5Page - IXYS Corporation CPC2025N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
CPC2025N
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
LED Forward Current to Activate
vs. Temperature
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
18
20
22
24
26
28
30
32
Typical On-Resistance
vs. Temperature
(I
F=20mA, IL=60mA)
Load Voltage (V)
-3
-2
-1
0
1
2
3
-150
-100
-50
0
50
100
150
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
Maximum Load Current
vs. Temperature
(I
F=4mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
390
400
410
420
430
440
450
460
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.005
0.010
0.015
0.020
0.025
0.030
Typical Leakage vs. Temperature
Measured Across Pins 5&6, 7&8
(V
L=400V)
Load Voltage (V)
0.1
1
10
100
1000
0
10
20
30
40
50
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10μs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100μs
100ms
1s
10ms
10s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com