Electronic Components Datasheet Search
  English  ▼

X  

ADP3801 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices ADP3801 Datasheet HTML 16Page - Analog Devices ADP3801 Datasheet HTML 17Page - Analog Devices ADP3801 Datasheet HTML 18Page - Analog Devices ADP3801 Datasheet HTML 19Page - Analog Devices ADP3801 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP3801/ADP3802
–16–
REV. 0
NiCad/NiMH Charging
When paired with a low cost, 8-bit microcontroller, the
ADP3801/ADP3802 charges NiCad and NiMH batteries. The
ADP3801/ADP3802 is used to provide a programmable charge
current limit with a fail-safe voltage limit, and the microcontroller
monitors the battery and determines the charge termination.
Common methods for termination are “negative delta V” and
“delta T.” Both methods require that the present value of either
the voltage or temperature be compared to a previous value.
Such functionality is performed by an
µC with an on-board
ADC.
The
µC and the ADP3801/ADP3802 are configured as shown
in Figure 30 for the universal charger. The voltage setting on the
ADP3801/ADP3802 should not interfere with normal charging,
but still provide a fail safe voltage if the battery is removed. For
example, if a 6-cell NiCad battery is being charged, the output
voltage of the ADP3801/ADP3802 should be programmed to
12.6 V. The 6-cell battery has a peak voltage of approximately
1.7 V–1.8 V per cell, giving a total voltage of 9.6 V–10.8 V.
Thus, the 12.6 V setting provides enough headroom for normal
charging.
Universal Battery Charger
The combination of a
µC and the ADP3801/ADP3802 can be
extended to a low cost universal charger for Li-Ion and NiCad/
NiMH as shown in Figure 30. The
µC with on-board A/D con-
verter monitors the battery’s voltage and temperature to deter-
mine the end-of-charge for either NiCad or NiMH batteries.
The ADP3801/ADP3802 also monitors the battery voltage to
determine the end-of-charge for Li-Ion. The EOC output is
connected to a digital input on the
µC for signaling. The µC can
shutdown the charger circuitry when it is not required. The
µC
shown operates from 3.3 V, so it can be powered directly from
the LDO of the ADP3801/ADP3802. The LDO voltage also
serves as a 1% reference for the
µC’s ADC.
VCC
ISET
BATA
GND
PROG
EOC
ADP3801/
ADP3802
CHARGER CIRCUIT
VL
SD
PA1
PA0
AN1
AN0
PA2
PA3
VDD
C1
R1
C2
R4
R5
R2
R3
C3
T
VIN
MICRO-
CONTROLLER
T = BATTERY
THERMISTOR
Figure 30. Universal Battery Charger Block Diagram
Both the charge current and the final battery voltage can be
dynamically set by using a PWM output from the
µC. The PWM
inputs to ISET and PROG are filtered by an RC combination to
generate a dc voltage on the pins. This functionality allows
multiple battery types and chemistries to be accommodated in a
single charger circuit.
Dual Li-Ion Battery Charger
Some applications such as certain desktop chargers for cellular
phones or laptops with two batteries require that two separate
battery stacks be charged independently. The ADP3801/ADP3802
is designed to handle these applications with two battery sense
inputs and a multiplexer to select between the two. The applica-
tion circuit is essentially the same as Figure 24 except that exter-
nal FETs must be added to direct the charge current to the
proper battery stack. Figure 31 shows the additional circuitry
needed.
Si4463
4.3k
BATA
BATB
A/B
CS–
CS+
4.3k
ADP3801/
ADP3802
RCS
40m
100k
100k
Si4463
MBRD835
BATA
BATB
A/B
SELECTOR
*
*
* OPEN-COLLECTOR OUTPUTS
MBRD835
RB
CO
Figure 31. Dual Li-Ion Battery Charger
To provide alternate or sequential charging, the two separate
batteries are alternately connected to the output of the charger
by two Si4463 PFETs. The control of these FETs is accom-
plished by open-collector logic outputs and 100 k
Ω pull-up
resistors. The programming of the A/B terminal should come
from a 0 V to 3.3 V logic output. Most likely a dedicated logic
circuit or a microcontroller would control the system. The
BATB sense input is enabled by connecting a >2 V potential to
the A/B input (or <0.8 V to select BATA). The A and B battery
voltages are directly sensed by the BATA and BATB inputs.
Two Schottky diodes are also included to prevent one battery
stack from shorting to the other through the body diodes of the
FETs. When the charger has finished charging one battery (sig-
naled by the EOC output), the MUX and external FETs can be
switched to charge the second battery. When switching from
one battery to the next the following procedure is recommended
to minimize transient currents:
1. Turn off the ADP3801/ADP3802 PWM by bringing the SD
pin low.
2. Turn off the FET to the battery being charged.
3. Wait approximately 60 seconds for CO to discharge through
RB.
4. Turn on the FET to the second battery.
5. Change the A/B SELECT MUX to the second battery.
6. Turn on the ADP3801/ADP3802 by bringing the SD pin
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com