Electronic Components Datasheet Search
  English  ▼

X  

CPC7583BATR Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7583BATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583BATR Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7583BATR Datasheet HTML 7Page - IXYS Corporation CPC7583BATR Datasheet HTML 8Page - IXYS Corporation CPC7583BATR Datasheet HTML 9Page - IXYS Corporation CPC7583BATR Datasheet HTML 10Page - IXYS Corporation CPC7583BATR Datasheet HTML 11Page - IXYS Corporation CPC7583BATR Datasheet HTML 12Page - IXYS Corporation CPC7583BATR Datasheet HTML 13Page - IXYS Corporation CPC7583BATR Datasheet HTML 14Page - IXYS Corporation CPC7583BATR Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7583
R07
www.ixysic.com
11
1.7 Additional Electrical Characteristics
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Digital Inputs
Input low voltage
-
VIL
--
1.5
V
Input high voltage
-
VIH
3.5
-
-
Input leakage current
(high)
VDD = 5.5 V, VBAT = -75 V, VIH = 5 V
IIH
-0.1
1
A
Input leakage current
(low)
VDD = 5.5 V, VBAT = -75 V, VIL = 0 V
IIL
-0.1
1
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-
-72
V
1V
BAT is used only for internal protection circuitry. If VBAT goes more positive than -10 V, the device will enter the all-off state and will remain in the all-off state until
the battery goes more negative than -15 V
Power Requirements
Power consumption in
talk and all-off states
VDD = 5 V, VBAT = -48 V, measure IDD
and IBAT
P-
3.5
7.5
mW
Power consumption in
any other state
VDD = 5 V, VBAT = -48 V, measure IDD
and IBAT
P
5.0
10.5
VDD current in talk and
all-off states
VDD = 5 V, VBAT = -48 V
IDD
-0.7
1.5
mA
VDD current in any other
state
IDD
-1.0
1.9
VBAT current in any state VDD = 5V, VBAT = -48 V
IBAT
-4
10
A
Temperature Shutdown Requirements (temperature shutdown flag is active low)
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TSD_on
110
125
150
°C
Shutdown circuit
hysteresis
TSD_off
10
-
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com