Electronic Components Datasheet Search
  English  ▼

X  

CPC7583BATR Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7583BATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583BATR Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7583BATR Datasheet HTML 8Page - IXYS Corporation CPC7583BATR Datasheet HTML 9Page - IXYS Corporation CPC7583BATR Datasheet HTML 10Page - IXYS Corporation CPC7583BATR Datasheet HTML 11Page - IXYS Corporation CPC7583BATR Datasheet HTML 12Page - IXYS Corporation CPC7583BATR Datasheet HTML 13Page - IXYS Corporation CPC7583BATR Datasheet HTML 14Page - IXYS Corporation CPC7583BATR Datasheet HTML 15Page - IXYS Corporation CPC7583BATR Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
12
www.ixysic.com
R07
CPC7583
1.8 Protection Circuitry Electrical Specifications
1.9 Truth Tables
1.9.1 Truth Table for CPC7583xA and CPC7583xB
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Parameters Related to the Diodes in the Diode Bridge
Voltage drop at
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
Forward
Voltage
-2.8
3.5
V
Voltage drop at surge
current
Apply ± dynamic current limit of break
switches
Forward
Voltage
-5-
Parameters Related to the Protection SCR (CPC7583xA and CPC7583xC)
Surge current
-
-
-
*
A
Trigger current
+25° C
ITRIG
-
200
-
mA
+85° C
ITRIG
120
-
Hold current
+25° C
IHOLD
265
-
+85° C
IHOLD
100
170
-
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
-
-1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT
-3
-
V
2.0 A, t = 0.5
s-5
-
V
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.
State
INRINGING INTESTIN INTESTOUT
Latch
TSD
TESTIN
Switches
Break
Switches
Ringing
Test
Switches
Ringing
Switches
TESTOUT
Switches
Talk
000
0
1 or
Floating 1
Off
On
Off
Off
Off
TESTout
0
0
1
Off
Off
Off
Off
On
TESTin
010
On
Off
Off
Off
Off
Simultaneous
TESTin and
TESTout
011
On
Off
Off
Off
On
Ringing
1
0
0
Off
Off
Off
On
Off
Ringing
Generator
Test
110
Off
Off
On
Off
Off
Latched
X
X
X
1
Unchanged Unchanged Unchanged Unchanged Unchanged
All Off
1
0
1
0
Off
Off
Off
Off
Off
1
1
1
0
Off
Off
Off
Off
Off
XXX
X
0 2
Off
Off
Off
Off
Off
1If T
SD is tied high, thermal shutdown is disabled. If TSD is left floating, the thermal shutdown mechanism functions normally.
2Forcing T
SD to ground overrides the logic input pins and forces an all off state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com