Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2172 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-2172
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2172 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-2172 Datasheet HTML 8Page - Analog Devices ADSP-2172 Datasheet HTML 9Page - Analog Devices ADSP-2172 Datasheet HTML 10Page - Analog Devices ADSP-2172 Datasheet HTML 11Page - Analog Devices ADSP-2172 Datasheet HTML 12Page - Analog Devices ADSP-2172 Datasheet HTML 13Page - Analog Devices ADSP-2172 Datasheet HTML 14Page - Analog Devices ADSP-2172 Datasheet HTML 15Page - Analog Devices ADSP-2172 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
REV. A
–12–
ADSP-2171/ADSP-2172/ADSP-2173
Control Registers
ROM Enable/Data Memory Wait State
Control Register
0x3FFE
DWAIT4
DWAIT0
DWAIT1
DWAIT2
DWAIT3
ROM enable
1 = enable
0 = disable
1
1
1
1
1
1
1
01
11
1
1
1
1
1
15
14
13
12
11
10
9
876
5432
10
SPORT0 Control Register
0x3FF6
Multichannel Enable MCE
Internal Serial Clock Generation ISCLK
Receive Frame Sync Required RFSR
Receive Frame Sync Width RFSW
Multichannel Frame Delay MFD
Only If Multichannel Mode Enabled
Transmit Frame Sync Required TFSR
Transmit Frame Sync Width TFSW
SLEN Serial Word Length
DTYPE Data Format
00 = right justify, zero-fill unused MSBs
01 = right justify, sign extend into unused MSBs
10 = compand using
µ-law
11 = compand using A-law
INVRFS Invert Receive Frame Sync
INVTFS Invert Transmit Frame Sync
(or INVTDV Invert Transmit Data Valid
Only If Multichannel Mode Enabled)
IRFS Internal Receive Frame Sync Enable
0
0
0
0
0
0
0
00
00
0
0
0
0
0
15
14
13
12
11
10
9
8765
4321
0
ITFS Internal Transmit Frame Sync Enable
(or MCL Multichannel Length; 1 = 32 words, 0 = 24 words
Only If Multichannel Mode Enabled)
SPORT0 Multichannel Receive Word Enable Registers
1 = Channel Enabled
0 = Channel Ignored
SPORT0 Multichannel Transmit Word Enable Registers
1 = Channel Enabled
0 = Channel Ignored
0x3FF9
15 14 13 12 11 10
9
87654321
0
0x3FFA
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
0x3FF7
15 14 13 12 11 10
9876543
210
0x3FF8
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com