Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2172 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-2172
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2172 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-2172 Datasheet HTML 23Page - Analog Devices ADSP-2172 Datasheet HTML 24Page - Analog Devices ADSP-2172 Datasheet HTML 25Page - Analog Devices ADSP-2172 Datasheet HTML 26Page - Analog Devices ADSP-2172 Datasheet HTML 27Page - Analog Devices ADSP-2172 Datasheet HTML 28Page - Analog Devices ADSP-2172 Datasheet HTML 29Page - Analog Devices ADSP-2172 Datasheet HTML 30Page - Analog Devices ADSP-2172 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ADSP-2171/ADSP-2172/ADSP-2173
REV. A
–27–
ADSP-2171/ADSP-2172
Parameter
Min
Max
Unit
Host Interface Port
Multiplexed Data and Address (HMD1 = 1)
Read Strobe and Write Strobe (HMD0 = 0)
Timing Requirement:
tHALP
ALE Pulse Width
10
ns
tHASU
HAD15–0 Address Setup, before ALE Low
5
ns
tHAH
HAD15–0 Address Hold after ALE Low
2
ns
tHALS
Start of Write or Read after ALE Low
1, 2
10
ns
tHDSU
HAD15–0 Data Setup before End of Write
3
5ns
tHWDH
HAD15–0 Data Hold after End of Write
3
3ns
tHRWP
Read or Write Pulse Width
4
20
ns
Switching Characteristic:
tHSHK
HACK
Low after Start of Write or Read
1, 2
015
ns
tHKH
HACK
Hold after End of Write or Read
3, 5
015
ns
tHDE
HAD15–0 Data Enabled after Start of Read
2
0ns
tHDD
HAD15–0 Data Valid after Start of Read
2
18
ns
tHRDH
HAD15–0 Data Hold after End of Read
0
ns
tHRDD
HAD15–0 Data Disabled after End of Read
5
7ns
NOTES
1Start of Write = HWR Low and HSEL Low.
2Start of Read = HRD Low and HSEL Low.
3End of Write = HWR High or HSEL High.
4Read Pulse Width = HRD Low and HSEL Low, Write Pulse Width = HWR Low and HSEL Low.
5End of Read = HRD High or HSEL High.
ADDRESS
t
HDSU
DATA
HACK
HWR
HSEL
HD15–0
t
HRWP
t
HSHK
ALE
t
HALP
t
HALS
t
HKH
t
HAH
t
HASU
t
HWDH
t
HRDH
t
HRDD
t
HDE
ADDRESS
DATA
HACK
HRD
HSEL
HAD15–0
t
HRWP
t
HSHK
ALE
t
HALP
t
HALS
t
HKH
t
HAH
t
HASU
t
HDD
Figure 16. Host Interface Port (HMD1 = 1, HMD0 = 0)
Host Write Cycle
Host Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com