Electronic Components Datasheet Search
  English  ▼

X  

ITC117PL Datasheet(PDF) 3 Page - IXYS Corporation

Part # ITC117PL
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC117PL Datasheet(HTML) 3 Page - IXYS Corporation

  ITC117PL Datasheet HTML 1Page - IXYS Corporation ITC117PL Datasheet HTML 2Page - IXYS Corporation ITC117PL Datasheet HTML 3Page - IXYS Corporation ITC117PL Datasheet HTML 4Page - IXYS Corporation ITC117PL Datasheet HTML 5Page - IXYS Corporation ITC117PL Datasheet HTML 6Page - IXYS Corporation ITC117PL Datasheet HTML 7Page - IXYS Corporation ITC117PL Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
ITC117PL
www.ixysic.com
3
R03
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Blocking Voltage
I
C=10ABVCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
400
-
%
Input Characteristics
Input Control Current
I
C=2mA, VCE=0.5V
I
F
-2
6
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Current (Detector Must be Off)
I
C=1A, VCE=5V
I
F
525
-
A
Electrical Characteristics @25ºC: Detector Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Reverse Voltage
-
V
RD
-
-
100
V
Forward Voltage Drop
I
FD=120mA
V
FD
-
-
1.5
V
Reverse Leakage Current
T
J=25ºC, VR=100V
I
RD
--
10
A
T
J=85ºC
-
50
-
Forward Current
Continuous
-
I
FD
-
-
140
mA
Peak
t=10ms
-
-
500
Electrical Characteristics @25ºC (Unless Otherwise Noted): Bridge Rectifier Section
Electrical Characteristics @25ºC: Darlington Transistor Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Collector-Emitter Voltage
I
C=10mADC, IB=0mA
V
CEO
40
-
-
V
Collector Current, Continuous
V
C=3.5V
I
C
-
-
120
mA
Power Dissipation
-
P
D
-
-
500
mW
Off-State Collector-Emitter Leakage Current
V
CE=10V, IB=0mA
I
CEX
--
1
A
DC Current Gain
V
CE=10VDC, IC=120mA
h
FE
10,000
-
-
-
Saturation Voltage
I
C=120mA
V
CE(sat)
-
-
1.5
V
Total Harmonic Distortion
I
C=40mA, fO=300Hz @ -10dBm
-
-
-
-80
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com