Electronic Components Datasheet Search
  English  ▼

X  

ITC117PL Datasheet(PDF) 4 Page - IXYS Corporation

Part # ITC117PL
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC117PL Datasheet(HTML) 4 Page - IXYS Corporation

  ITC117PL Datasheet HTML 1Page - IXYS Corporation ITC117PL Datasheet HTML 2Page - IXYS Corporation ITC117PL Datasheet HTML 3Page - IXYS Corporation ITC117PL Datasheet HTML 4Page - IXYS Corporation ITC117PL Datasheet HTML 5Page - IXYS Corporation ITC117PL Datasheet HTML 6Page - IXYS Corporation ITC117PL Datasheet HTML 7Page - IXYS Corporation ITC117PL Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
ITC117PL
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
DEVICE PERFORMANCE DATA*
RELAY PERFORMANCE DATA*
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
I
F=5mA
Package Power Derating
Temperature (ºC)
25
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
30 35 40 45 50 55 60 65 70 75 80 85
Operating Area
Typical Turn-On Time
(N=50, I
F=2mA, IL=120mADC, TA=25ºC)
0.88
1.58
2.28
2.98
1.23
1.93
2.63
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=2mA, IL=120mADC, TA=25ºC)
0.06
0.14
0.22
0.30
0.26
0.18
0.10
Turn-Off Time (ms)
25
20
15
10
5
0
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=120mADC, TA=25ºC)
35
30
25
20
15
10
5
0
17.0
17.8
18.6
19.4
17.4
18.2
19.0
On-Resistance ( )
Typical I
F for Switch Operation
(N=50, I
L=120mADC, TA=25ºC)
0.42
0.66
0.90
0.30
0.54
0.78
1.02
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, I
L=120mADC, TA=25ºC)
25
20
15
10
5
0
0.30
0.54
0.78
0.18
0.42
0.66
0.90
LED Current (mA)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
35
30
25
20
15
10
5
0
365
385
405
425
375
395
415
Blocking Voltage (V
P)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com