Electronic Components Datasheet Search
  English  ▼

X  

LCA701S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA701S
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA701S Datasheet(HTML) 3 Page - IXYS Corporation

  LCA701S Datasheet HTML 1Page - IXYS Corporation LCA701S Datasheet HTML 2Page - IXYS Corporation LCA701S Datasheet HTML 3Page - IXYS Corporation LCA701S Datasheet HTML 4Page - IXYS Corporation LCA701S Datasheet HTML 5Page - IXYS Corporation LCA701S Datasheet HTML 6Page - IXYS Corporation LCA701S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA701
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.220 1.225 1.230 1.235 1.240 1.245 1.250
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
1.65
1.80
1.95
2.10
2.25
2.40
2.55
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=75mA)
Turn-Off Time (ms)
0.410 0.425 0.440 0.455 0.470 0.485 0.500
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=75mA)
LED Current (mA)
0.105
0.120
0.135
0.150
0.165
0.180
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=1A)
On-Resistance ( )
0.190 0.195 0.200 0.205 0.210 0.215 0.220
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=1A)
Blocking Voltage (V
P)
105
106
107
108
109
110
111
0
5
10
15
20
25
30
35
Typical Blocking Voltage Distribution
(N=50, I
F=0mA)
LED Current (mA)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=75mA)
LED Current (mA)
0
1020
304050
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
Typical Turn-Off Time
vs. LED Forward Current
(I
L=75mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
Typical Turn-On Time
vs. Temperature
(I
L=75mA)
I
F=2mA
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
Typical Turn-Off Time
vs. Temperature
(I
L=75mA)
I
F=2mA
I
F=5mA
I
F=10mA
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
LED Forward Voltage
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com