Electronic Components Datasheet Search
  English  ▼

X  

LCA701S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCA701S
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA701S Datasheet(HTML) 4 Page - IXYS Corporation

  LCA701S Datasheet HTML 1Page - IXYS Corporation LCA701S Datasheet HTML 2Page - IXYS Corporation LCA701S Datasheet HTML 3Page - IXYS Corporation LCA701S Datasheet HTML 4Page - IXYS Corporation LCA701S Datasheet HTML 5Page - IXYS Corporation LCA701S Datasheet HTML 6Page - IXYS Corporation LCA701S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
LCA701
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical On-Resistance vs. Temperature
AC/DC Configuration
(I
F=5mA, IL=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.02
0.04
0.06
0.08
0.10
0.12
0.14
Typical On-Resistance vs. Temperature
DC-Only Configuration
(I
F=5mA, IL=1A)
Load Current (mA)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
Leakage Current vs. Temperature
Measured Across Pins 4&6
(V
L=100V)
Load Voltage (V)
0
20
40
60
80
100
0
50
100
150
200
250
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
1
2
3
4
5
6
7
8
9
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
Blocking Voltage
Change (%) Normalized to 25ºC
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com