Electronic Components Datasheet Search
  English  ▼

X  

LCA710R Datasheet(PDF) 2 Page - IXYS Corporation

Part # LCA710R
Description  Single Pole, Normally Open OptMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA710R Datasheet(HTML) 2 Page - IXYS Corporation

  LCA710R Datasheet HTML 1Page - IXYS Corporation LCA710R Datasheet HTML 2Page - IXYS Corporation LCA710R Datasheet HTML 3Page - IXYS Corporation LCA710R Datasheet HTML 4Page - IXYS Corporation LCA710R Datasheet HTML 5Page - IXYS Corporation LCA710R Datasheet HTML 6Page - IXYS Corporation LCA710R Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R09
LCA710
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
AC/DC Configuration
-I
L
--
1A
rms / ADC
DC Configuration
1.8
A
DC
Peak Load Current
t<10ms
I
LPK
--
±5
A
P
On-Resistance
AC/DC Configuration
I
L=1A
R
ON
-
0.3
0.5
DC Configuration
I
L=1.8A
-
0.1
0.15
Off-State Leakage Current
V
L=60VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=10mA, VL=10V
t
on
-
-
2.5
ms
Turn-Off
t
off
-
-
0.25
Output Capacitance
V
L=0V, f=1MHz
-
-
105
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
-
10
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=10mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com