Electronic Components Datasheet Search
  English  ▼

X  

LCA710R Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA710R
Description  Single Pole, Normally Open OptMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA710R Datasheet(HTML) 1 Page - IXYS Corporation

  LCA710R Datasheet HTML 1Page - IXYS Corporation LCA710R Datasheet HTML 2Page - IXYS Corporation LCA710R Datasheet HTML 3Page - IXYS Corporation LCA710R Datasheet HTML 4Page - IXYS Corporation LCA710R Datasheet HTML 5Page - IXYS Corporation LCA710R Datasheet HTML 6Page - IXYS Corporation LCA710R Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA710-R09
1
LCA710
Single Pole, Normally Open
OptMOS® Relay
e3
Pb
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
1
A
rms / ADC
On-Resistance (max)
0.5
Pin Configuration
Switching Characteristics of
Normally Open Devices
• Low On-Resistance: 0.5
• High Current Handling Capability: 1A
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Packages
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Ordering Information
Part #
Description
LCA710
6-Pin DIP (50/Tube)
LCA710R
6-Pin Lo-Profile Surface Mount (50/Tube)
LCA710RTR
6-Pin Lo-Profile Surface Mount (1000/Reel)
LCA710S
6-Pin Surface Mount (50/Tube)
LCA710STR
6-Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
The LCA710 is a 60V, 1A, 0.5
, normally open
(1-Form-A) solid state relay featuring low
on-resistance and high current handling capability. It
uses optically coupled MOSFET technology to provide
3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCA710 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no moving
parts, it can offer faster, bounce-free switching in a
more compact surface mount or thru-hole package.


Similar Part No. - LCA710R

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA710 CLARE-LCA710 Datasheet
100Kb / 6P
Single Pole OptoMOS Relay
LCA710S CLARE-LCA710S Datasheet
100Kb / 6P
Single Pole OptoMOS Relay
LCA710STR CLARE-LCA710STR Datasheet
100Kb / 6P
Single Pole OptoMOS Relay
More results

Similar Description - LCA710R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
LCA182 IXYS-LCA182 Datasheet
123Kb / 7P
Single Pole, Normally Open OptMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com