Electronic Components Datasheet Search
  English  ▼

X  

LCA717S Datasheet(PDF) 2 Page - IXYS Corporation

Part # LCA717S
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA717S Datasheet(HTML) 2 Page - IXYS Corporation

  LCA717S Datasheet HTML 1Page - IXYS Corporation LCA717S Datasheet HTML 2Page - IXYS Corporation LCA717S Datasheet HTML 3Page - IXYS Corporation LCA717S Datasheet HTML 4Page - IXYS Corporation LCA717S Datasheet HTML 5Page - IXYS Corporation LCA717S Datasheet HTML 6Page - IXYS Corporation LCA717S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
LCA717
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
AC/DC Configuration
-I
L
--
2A
rms / ADC
DC Configuration
4A
DC
Peak Load Current
t=10ms
I
LPK
--
±5
A
P
On-Resistance1
AC/DC Configuration
I
L=1A
R
ON
-
0.083
0.15
DC Configuration
0.023
0.04
Off-State Leakage Current
V
L=30VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.92
3
ms
Turn-Off
t
off
0.44
3
Output Capacitance
V
L=15V, f=1MHz
C
OUT
-
100
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
0.115
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC
ESD Rating (Human Body Model)
1000 Volts
ESD Rating



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com