Electronic Components Datasheet Search
  English  ▼

X  

LCA717S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCA717S
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA717S Datasheet(HTML) 4 Page - IXYS Corporation

  LCA717S Datasheet HTML 1Page - IXYS Corporation LCA717S Datasheet HTML 2Page - IXYS Corporation LCA717S Datasheet HTML 3Page - IXYS Corporation LCA717S Datasheet HTML 4Page - IXYS Corporation LCA717S Datasheet HTML 5Page - IXYS Corporation LCA717S Datasheet HTML 6Page - IXYS Corporation LCA717S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
LCA717
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
Maximum Load Current
vs. Temperature
AC/DC Configuration (A
DC/Arms)
DC-Only Configuration (A
DC)
Load Voltage (V)
-0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
35.5
36.0
36.5
37.0
37.5
38.0
38.5
39.0
Typical Blocking Voltage
vs. Temperature
(I
L=1
A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Typical Leakage vs. Temperature
Measured Across Pins 4&6
(V
L=30V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
1
2
3
4
5
6
7
8
Energy Rating Curve
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com