Electronic Components Datasheet Search
  English  ▼

X  

LCB710 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCB710
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB710 Datasheet(HTML) 4 Page - IXYS Corporation

  LCB710 Datasheet HTML 1Page - IXYS Corporation LCB710 Datasheet HTML 2Page - IXYS Corporation LCB710 Datasheet HTML 3Page - IXYS Corporation LCB710 Datasheet HTML 4Page - IXYS Corporation LCB710 Datasheet HTML 5Page - IXYS Corporation LCB710 Datasheet HTML 6Page - IXYS Corporation LCB710 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
LCB710
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.28
0.32
0.36
0.40
0.44
0.48
Typical On-Resistance vs. Temperature
AC/DC Configuration
(I
F=0mA, IL=500mA)
Load Voltage (V)
-0.4
-0.3 -0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-1.0
-0.5
0.0
0.5
1.0
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Maximum Load Current vs. Temperature
AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.07
0.08
0.09
0.10
0.11
0.12
Typical On-Resistance vs. Temperature
DC-Only Configuration
(I
F=0mA, IL=1A)
Load Voltage (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.0
0.5
1.0
1.5
2.0
Load Current vs. Load Voltage
DC-Only Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Maximum Load Current vs. Temperature
DC-Only Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
73
74
75
76
77
78
79
80
81
Typical Blocking Voltage
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
Typical Leakage Current
vs. Temperature
(I
F=2mA, VL=60V)
Load Voltage (V)
0.1
1
10
100
100
150
200
250
300
350
400
450
Output Capacitance
vs. Load Voltage
(I
F=2mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com