Electronic Components Datasheet Search
  English  ▼

X  

LCB710 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB710
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB710 Datasheet(HTML) 1 Page - IXYS Corporation

  LCB710 Datasheet HTML 1Page - IXYS Corporation LCB710 Datasheet HTML 2Page - IXYS Corporation LCB710 Datasheet HTML 3Page - IXYS Corporation LCB710 Datasheet HTML 4Page - IXYS Corporation LCB710 Datasheet HTML 5Page - IXYS Corporation LCB710 Datasheet HTML 6Page - IXYS Corporation LCB710 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB710-R02
1
LCB710
Single-Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB710
6-Lead DIP (50/Tube)
LCB710S
6-Lead Surface Mount (50/Tube)
LCB710STR
6-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
60
V
P
Load Current
1
A
rms / ADC
On-Resistance (max)
0.6
LED Current to Operate
2
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Closed Devices
LCB710 is a single-pole normally closed
(1-Form-B) solid state relay that uses optically
coupled technology to provide an enhanced 3750V
rms
isolation barrier between the input and the output of
the relay. The efficient MOSFET switches use IXYS
Integrated Circuits Division's patented OptoMOS
architecture. The optically coupled output is controlled
by a highly efficient GaAlAs infrared LED.
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (gas, oil, electric and water)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
1A Load Current
0.6
 Max On-Resistance
2mA Control Current
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Small 6-Pin Package
Tape & Reel, Surface Mount Version Available
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004


Similar Part No. - LCB710

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
logo
IXYS Corporation
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
logo
Clare, Inc.
LCB716S CLARE-LCB716S Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
logo
IXYS Corporation
LCB716S IXYS-LCB716S Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
logo
Clare, Inc.
LCB716STR CLARE-LCB716STR Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
More results

Similar Description - LCB710

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com