Electronic Components Datasheet Search
  English  ▼

X  

ADT7316 Datasheet(PDF) 27 Page - Analog Devices

Part # ADT7316
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7316 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADT7316 Datasheet HTML 23Page - Analog Devices ADT7316 Datasheet HTML 24Page - Analog Devices ADT7316 Datasheet HTML 25Page - Analog Devices ADT7316 Datasheet HTML 26Page - Analog Devices ADT7316 Datasheet HTML 27Page - Analog Devices ADT7316 Datasheet HTML 28Page - Analog Devices ADT7316 Datasheet HTML 29Page - Analog Devices ADT7316 Datasheet HTML 30Page - Analog Devices ADT7316 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADT7316/7317/7318
–27–
REV. PrN
PRELIMINARY TECHNICAL DATA
negative than the value in this register. As it is an 8-bit
register the temperature resolution is 1
oC. Default value is
-55
oC.
Table 40.
Internal TLOW Limit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
1*
1*
0*
0*
1*
0*
0*
1*
*Default settings at Power-up.
EXTERNAL THIGH LIMIT REGISTER (Read/Write) [Add.
= 27h]
If pins 7 and 8 are configured for the external temperature
sensor then this limit register is an 8-bit read/write regis-
ter which stores the 2’s complement of the external tem-
perature upper limit that will cause an interrupt and
activate the INTERRUPT output (if enabled). For this to
happen the measured External Temperature Value has to
be greater than the value in this register. As it is an 8-bit
register the temperature resolution is 1oC.
Table 41.
External THIGH Limit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
1*
1*
1*
1*
1*
1*
1*
1*
*Default settings at Power-up.
EXTERNAL TLOW LIMIT REGISTER (Read/Write) [Add.
= 28h]
If pins 7 and 8 are configured for the external temperature
sensor then this limit register is an 8-bit read/write regis-
ter which stores the 2’s complement of the external tem-
perature lower limit that will cause an interrupt and
activate the INTERRUPT output (if enabled). For this to
happen the measured External Temperature Value has to
be more negative than the value in this register. As it is an
8-bit register the temperature resolution is 1
oC.
Table 42.
External TLOW Limit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
R/
9
1
SCL
SDA
0
0
1
A2A1
A0
P7P6
P5
P4
P3
P2
P1
P0
ACK. BY
ADT7316/17/18
STOP BY
MASTER
START BY
MASTER
FR AME 1
SERIAL BUS ADDRESS B YTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADT7316/17/18
9
R/
9
1
SCL
SDA
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
ADT7316/17/18
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS B YTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADT7316/17/18
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7316/17/18
STOP BY
MASTER
FRAME 3
DATA BYTE
19
SCL (CONTINUED)
SDA (CONTINUED)
Figure 18. I2C - Writing to the Address Pointer Register followed by a single byte of data to the selected register
Figure 17. I2C - Writing to the Address Pointer Register to select a register for a subsequent Read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com