Electronic Components Datasheet Search
  English  ▼

X  

LCB717S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCB717S
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB717S Datasheet(HTML) 3 Page - IXYS Corporation

  LCB717S Datasheet HTML 1Page - IXYS Corporation LCB717S Datasheet HTML 2Page - IXYS Corporation LCB717S Datasheet HTML 3Page - IXYS Corporation LCB717S Datasheet HTML 4Page - IXYS Corporation LCB717S Datasheet HTML 5Page - IXYS Corporation LCB717S Datasheet HTML 6Page - IXYS Corporation LCB717S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCB717
www.ixysic.com
3
R01
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
LED Forward Voltage (V)
1.215
1.230
1.245
1.260
1.275
1.290
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-Off Time (ms)
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
0.275 0.300 0.325 0.350 0.375 0.400 0.425
0
5
10
15
20
25
Typical LED Current to Operate
(N=50, I
L=100mA)
Blocking Voltage (V
P)
34
35
36
37
38
39
40
0
5
10
15
20
25
30
Typical Blocking Voltage Distribution
(N=50, I
F=2mA)
On-Resistance ( )
0.1700 0.1725 0.1750 0.1775 0.1800 0.1825 0.1850
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=10mA
I
F=5mA
I
F=2mA
I
F=50mA
I
F=20mA
LED Current (mA)
010
20
30
40
50
500
510
520
530
540
550
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical LED Current to Operate
vs. Temperature
(I
L=750mA)
Turn-On Time (ms)
0.45
0.50
0.55
0.60
0.65
0.70
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
350
400
450
500
550
600
Typical Turn-On Time
vs. Temperature
(V
L=10V, IL=100mA)
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
Typical Turn-Off Time
vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
I
F=10mA
LED Forward Current (mA)
0
1020
304050
0
2
4
6
8
10
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com