Electronic Components Datasheet Search
  English  ▼

X  

LCB717S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB717S
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB717S Datasheet(HTML) 1 Page - IXYS Corporation

  LCB717S Datasheet HTML 1Page - IXYS Corporation LCB717S Datasheet HTML 2Page - IXYS Corporation LCB717S Datasheet HTML 3Page - IXYS Corporation LCB717S Datasheet HTML 4Page - IXYS Corporation LCB717S Datasheet HTML 5Page - IXYS Corporation LCB717S Datasheet HTML 6Page - IXYS Corporation LCB717S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB717-R01
1
LCB717
Single-Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB717
6-Lead DIP (50/Tube)
LCB717S
6-Lead Surface Mount (50/Tube)
LCB717STR
6-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
30
V
P
Load Current
1.5
A
rms / ADC
On-Resistance (max)
0.3
LED Current to Operate
2
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Closed Devices
LCB717 is a single-pole normally closed
(1-Form-B) solid state relay that uses optically
coupled technology to provide an enhanced
3750V
rms isolation barrier between the input and the
output of the relay. The efficient MOSFET switches
use IXYS Integrated Circuits Division's patented
OptoMOS architecture. The optically coupled output
is controlled by a highly efficient GaAlAs infrared
LED.
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 1.5A Load Current
• 0.3
 Max On-Resistance
• 2mA Control Current
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Small 6-Pin Package
• Tape & Reel, Surface Mount Version Available
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - LCB717S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710S IXYS-LCB710S Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710STR IXYS-LCB710STR Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
logo
Clare, Inc.
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
logo
IXYS Corporation
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - LCB717S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com