Electronic Components Datasheet Search
  English  ▼

X  

LIA130 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LIA130
Description  Optically Isolated Error Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA130 Datasheet(HTML) 3 Page - IXYS Corporation

  LIA130 Datasheet HTML 1Page - IXYS Corporation LIA130 Datasheet HTML 2Page - IXYS Corporation LIA130 Datasheet HTML 3Page - IXYS Corporation LIA130 Datasheet HTML 4Page - IXYS Corporation LIA130 Datasheet HTML 5Page - IXYS Corporation LIA130 Datasheet HTML 6Page - IXYS Corporation LIA130 Datasheet HTML 7Page - IXYS Corporation LIA130 Datasheet HTML 8Page - IXYS Corporation LIA130 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
LIA130
PRELIMINARY
3
R00D
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Transfer Characteristics @ 25°C
Current transfer ratio
I
LED = 5 mA, VCOMP = VFB, VCE = 5 V (Fig. 6)
CTR
300
500
600
%
Collector-emitter saturation voltage
I
LED = 10 mA, VCOMP = VFB, IC = 2.5 mA (Fig. 6)
V
CE (SAT)
-
0.099
0.5
V
Isolation Characteristics @ 25°C
Input-output insulation leakage current 1
RH = 45%, T
A = 25°C, t = 5s, VI-O = 3000 VDC
I
I-O
-
-
1.0
A
Withstand insulation voltage 1
RH <= 50%, T
A = 25°C, t = 1 min
V
ISO
2500
-
-
V
rms
Resistance (input to output) 1
V
I-O = 500 VDC
R
I-O
-1012
-
Switching Characteristics @ 25°C
Bandwidth
(Fig. 7)
B
W
-
10
-
kHZ
Common mode transient immunity at output high 2
I
LED = 0 mA, Vcm = 10 VPP RL = 2.2 k (Fig. 8)
|CMH|
-
TBD
-
kV/
s
Common mode transient immunity at output low 2
I
LED = 10 mA, Vcm = 10 VPP RL = 2.2 k (Fig. 8)
|CML|
-
TBD
-
kV/
s
1. Device is considered as a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
2. Common mode transient immunity at output high is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode impulse signal, Vcm, to assure that the output will
remain high. Common mode transient immunity at output low is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common pulse signal,Vcm, to assure that the output will
remain low.
Electrical Characteristics
R1
R2
PWM
Control
LIA130
V
IN
V
OUT
1
2
3
4
5
6
7
8
Example Application for the LIA130



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com