Electronic Components Datasheet Search
  English  ▼

X  

LIA130 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LIA130
Description  Optically Isolated Error Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA130 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button LIA130 Datasheet HTML 2Page - IXYS Corporation LIA130 Datasheet HTML 3Page - IXYS Corporation LIA130 Datasheet HTML 4Page - IXYS Corporation LIA130 Datasheet HTML 5Page - IXYS Corporation LIA130 Datasheet HTML 6Page - IXYS Corporation LIA130 Datasheet HTML 7Page - IXYS Corporation LIA130 Datasheet HTML 8Page - IXYS Corporation LIA130 Datasheet HTML 9Page - IXYS Corporation LIA130 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
PRELIMINARY
6
R00D
LIA130
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA*
LED Current vs. Cathode Voltage
(T
A=25ºC, VCOMP=VFB)
VCOMP - Cathode Voltage (V)
-1.0
15
10
5
0
-5
-10
-15
-0.5
0.0
0.5
1.0
1.5
LED Current vs. Cathode Voltage
(T
A=25ºC, VCOMP=VFB)
VCOMP - Cathode Voltage (V)
-1.0
150
120
90
60
30
0
-30
-60
-90
-120
-150
-0.5
0.0
0.5
1.0
1.5
Reference Voltage vs.
Ambient Temperature
-40
1.40
1.37
1.34
1.31
1.28
-20
0
20406080
I
LED=10mA
Temperature (ºC)
Reference Current
vs. Ambient Temperature
(I
LED=10mA, R1=10K
)
-40
110
100
90
80
70
60
50
-20
0
20406080
100
Temperature (ºC)
Off Current vs. Ambient Temperature
(V
LED=13.2V, VFB=0V)
-40
0.5
0.4
0.3
0.2
0.1
0
-20
0
20406080
100
Temperature (ºC)
LED Forward Current
vs. Forward Voltage
VF - Forward-Voltage (V)
0.8
20
15
10
5
0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
85ºC
55ºC
25ºC
-5ºC
Dark Current vs. Temperature
(V
CE=10V)
-40
50
40
30
20
10
0
-10
-20
0
20
40
60
80
100
Temperature (ºC)
Collector Current
vs. Ambient Temperature
(V
CE=5V)
I
LED=20mA
-40
120
100
80
60
40
20
0
-20
0
20
40
60
80
100
Temperature (ºC)
I
LED=1mA
I
LED=5mA
I
LED=10mA
Current Transfer Ratio
vs LED Current
(V
CE=5V)
ILED - Forward Current (mA)
0
700
600
500
400
300
200
100
0
5
10152025
-5ºC
25ºC
55ºC
85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com