Electronic Components Datasheet Search
  English  ▼

X  

ADV7127 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7127
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7127 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7127 Datasheet HTML 2Page - Analog Devices ADV7127 Datasheet HTML 3Page - Analog Devices ADV7127 Datasheet HTML 4Page - Analog Devices ADV7127 Datasheet HTML 5Page - Analog Devices ADV7127 Datasheet HTML 6Page - Analog Devices ADV7127 Datasheet HTML 7Page - Analog Devices ADV7127 Datasheet HTML 8Page - Analog Devices ADV7127 Datasheet HTML 9Page - Analog Devices ADV7127 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–6–
REV. 0
ADV7127–SPECIFICATIONS
5 V/3.3 V DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DAC PERFORMANCE
Glitch Impulse
2, 3
10
pVs
Data Feedthrough
2, 3
22
dB
Clock Feedthrough
2, 3
33
dB
NOTES
1These max/min specifications are guaranteed by characterization.
2TTL input values are for 0 V and 3 V with input rise/fall times
≤3 ns, measured at the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
3Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
Specifications subject to change without notice.
(VAA = (3 V–5.25 V)
1, V
REF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications
are for TA = +25 C unless otherwise noted, TJ MAX = 110 C)
5 V TIMING SPECIFICATIONS1
Parameter
Min
Typ
Max
Units
Condition
ANALOG OUTPUTS
Analog Output Delay, t6
5.5
ns
Analog Output Rise/Fall Time, t7
4
1.0
ns
Analog Output Transition Time, t8
5
15
ns
Analog Output Skew, t9
6
12
ns
CLOCK CONTROL
fCLK
7
0.5
50
MHz
50 MHz Grade
fCLK
7
0.5
140
MHz
140 MHz Grade
fCLK
7
0.5
240
MHz
240 MHz Grade
Data and Control Setup, t1
1.5
ns
Data and Control Hold, t2
2.5
ns
Clock Pulsewidth High, t4
1.875
1.1
ns
fMAX = 240 MHz
Clock Pulsewidth Low t5
1.875
1.25
ns
fMAX = 240 MHz
Clock Pulsewidth High t4
2.85
ns
fMAX = 140 MHz
Clock Pulsewidth Low t5
2.85
ns
fMAX = 140 MHz
Clock Pulsewidth High t4
8.0
ns
fMAX = 50 MHz
Clock Pulsewidth Low t5
8.0
ns
fMAX = 50 MHz
Pipeline Delay, tPD
6
1.0
1.0
1.0
Clock Cycles
PSAVE Up Time, t10
6
210
ns
PDOWN Up Time, t11
8
320
ns
NOTES
1Timing specifications are measured with input levels of 3.0 V (V
IH) and 0 V (VIL) 0 for both 5 V and 3.3 V supplies.
2These maximum and minimum specifications are guaranteed over this range.
3Temperature range: T
MIN to TMAX: –40°C to +85°C at 50 MHz and 140 MHz, 0°C to +70°C at 240 MHz.
4Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5Measured from 50% point of full-scale transition to 2% of final value.
6Guaranteed by characterization.
7f
CLK max specification production tested at 125 MHz and 5 V. Limits specified here are guaranteed by characterization.
8This power-down feature is only available on the ADV7127 in the TSSOP package.
Specifications subject to change without notice.
(VAA = +5 V
5%
2, V
REF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications TMIN to TMAX
3
unless otherwise noted, TJ MAX = 110 C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com