Electronic Components Datasheet Search
  English  ▼

X  

ADV7127 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7127
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7127 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7127 Datasheet HTML 6Page - Analog Devices ADV7127 Datasheet HTML 7Page - Analog Devices ADV7127 Datasheet HTML 8Page - Analog Devices ADV7127 Datasheet HTML 9Page - Analog Devices ADV7127 Datasheet HTML 10Page - Analog Devices ADV7127 Datasheet HTML 11Page - Analog Devices ADV7127 Datasheet HTML 12Page - Analog Devices ADV7127 Datasheet HTML 13Page - Analog Devices ADV7127 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADV7127
–10–
REV. 0
5 V–Typical Performance Characteristics
(VAA = +5 V, VREF = 1.235 V, IOUT = 17.62 A, 50
Doubly Terminated Load, Differential Output Loading, TA = +25 C)
FREQUENCY – MHz
70
0
0.1
100
1.0
2.51
5.04
20.2
40.4
60
50
40
20
10
30
SFDR (DE)
SFDR (SE)
Figure 2. SFDR vs. fOUT @ fCLOCK =
140 MHz (Single-Ended and
Differential)
fCLOCK – MHz
76
74
58
0
160
50
100
140
68
64
62
60
72
70
66
4th HARMONIC
2nd HARMONIC
3rd HARMONIC
Figure 5. THD vs. fCLOCK @ fOUT =
2 MHz (2nd, 3rd and 4th Harmonics)
VAA = 5V
1
2
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
fOUT = 2.5MHz
SING O/P
Figure 8. SFDR (Single-Tone) @
fCLOCK = 140 MHz (fOUT1 = 2 MHz)
FREQUENCY – MHz
80
0
70
40
30
20
10
60
50
0.1
100
1.0
2.51
5.04
20.2
40.4
SFDR (SE)
SFDR (DE)
Figure 3. SFDR vs. fOUT @ fCLOCK =
50 MHz (Single-Ended and
Differential)
IOUT/mA
1.0
0.9
0.0
020
2
17.62
0.4
0.3
0.2
0.1
0.6
0.5
0.8
0.7
LINEARITY vs. IOUT ERROR
Figure 6. Linearity vs. IOUT
VAA = 5V
1
2
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
fOUT = 20MHz
SING O/P
Figure 9. Single-Tone SFDR @ fCLOCK
= 140 MHz (fOUT1 = 20 MHz)
TEMPERATURE – C
72.0
71.8
70.4
–10
+25
+85
71.2
71.0
70.8
70.6
71.6
71.4
72.2
Figure 4. SFDR vs. Temperature @
fCLOCK = 50 MHz (fOUT = 1 MHz)
1.00
0.50
–1.00
0.00
–0.50
CODE – INL
1023
0.75
–0.16
Figure 7. Typical Linearity
VAA = 5V
1
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
DUAL TONE
DIFF O/P
2
Figure 10. Dual-Tone SFDR @ fCLOCK
= 140 MHz (fOUT1 = 13.5 MHz, fOUT2 =
14.5 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com