Electronic Components Datasheet Search
  English  ▼

X  

ADV7175KS Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7175KS
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175KS Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7175KS Datasheet HTML 8Page - Analog Devices ADV7175KS Datasheet HTML 9Page - Analog Devices ADV7175KS Datasheet HTML 10Page - Analog Devices ADV7175KS Datasheet HTML 11Page - Analog Devices ADV7175KS Datasheet HTML 12Page - Analog Devices ADV7175KS Datasheet HTML 13Page - Analog Devices ADV7175KS Datasheet HTML 14Page - Analog Devices ADV7175KS Datasheet HTML 15Page - Analog Devices ADV7175KS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADV7175/ADV7176
REV. A
–12–
Mode 1: Master Option. HSYNC, BLANK, FIELD.
(Timing Register 0 TR0 = X X X X X 0 1 1)
In this mode the ADV7175/ADV7176 can generate horizontal SYNC and Odd/Even FIELD signals. A transition of the FIELD
input when HSYNC is low indicates a new frame i.e., vertical retrace. The BLANK signal is optional. When the BLANK input is
disabled the ADV7175/ADV7176 automatically blanks all normally blank lines as per CCIR-624. Pixel data is latched on the rising
clock edge following the timing signal transitions. Mode 1 is illustrated in Figure 17 (NTSC) and Figure 18 (PAL). Figure 19 illus-
trates the HSYNC, BLANK and FIELD for an odd or even field transition relative to the pixel data.
HSYNC
FIELD
BLANK
PIXEL
DATA
PAL = 12 * CLOCK/2
NTSC = 16 * CLOCK/2
PAL = 132 * CLOCK/2
NTSC = 118 * CLOCK/2
Cb
Y
Cr
Y
Figure 19. Timing Mode 1 Odd/Even Field Transitions
Mode 2: Slave Option. HSYNC, VSYNC, BLANK.
(Timing Register 0 TR0 = X X X X X 1 0 0)
In this mode the ADV7175/ADV7176 accepts horizontal and vertical SYNC signals. A coincident low transition of both HSYNC
and VSYNC inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even
field. The BLANK signal is optional. When the BLANK input is disabled, the ADV7175/ADV7176 automatically blanks all nor-
mally blank lines as per CCIR-624. Mode 2 is illustrated in Figure 20 (NTSC) and Figure 21 (PAL).
522
523
524
525
12
34
5
678
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
VSYNC
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
HSYNC
BLANK
VSYNC
Figure 20. Timing Mode 2 (NTSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com