Electronic Components Datasheet Search
  English  ▼

X  

ADV7175KS Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7175KS
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175KS Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7175KS Datasheet HTML 24Page - Analog Devices ADV7175KS Datasheet HTML 25Page - Analog Devices ADV7175KS Datasheet HTML 26Page - Analog Devices ADV7175KS Datasheet HTML 27Page - Analog Devices ADV7175KS Datasheet HTML 28Page - Analog Devices ADV7175KS Datasheet HTML 29Page - Analog Devices ADV7175KS Datasheet HTML 30Page - Analog Devices ADV7175KS Datasheet HTML 31Page - Analog Devices ADV7175KS Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADV7175/ADV7176
REV. A
–28–
APPENDIX 4
REGISTER VALUES
PAL (M)
Mode Register 0
06 Hex
Mode Register 1
00 Hex
Subcarrier Frequency Register 0
A3 Hex
Subcarrier Frequency Register 1
EF Hex
Subcarrier Frequency Register 2
E6 Hex
Subcarrier Frequency Register 3
21 Hex
Subcarrier Phase Register
00 Hex
Timing Register 0
08 Hex
Closed Captioning Ext Register 0
00 Hex
Closed Captioning Ext Register 1
00 Hex
Closed Captioning Register 0
00 Hex
Closed Captioning Register 1
00 Hex
Timing Register 1
00 Hex
Mode Register 2
00 Hex
Pedestal Control Register 0
00 Hex
Pedestal Control Register 1
00 Hex
Pedestal Control Register 2
00 Hex
Pedestal Control Register 3
00 Hex
Mode Register 3
00 Hex
PAL (N)
Mode Register 0
05 Hex
Mode Register 1
00 Hex
Subcarrier Frequency Register 0
CB Hex
Subcarrier Frequency Register 1
8A Hex
Subcarrier Frequency Register 2
09 Hex
Subcarrier Frequency Register 3
2A Hex
Subcarrier Phase Register
00 Hex
Timing Register 0
08 Hex
Closed Captioning Ext Register 0
00 Hex
Closed Captioning Ext Register 1
00 Hex
Closed Captioning Register 0
00 Hex
Closed Captioning Register 1
00 Hex
Timing Register 1
00 Hex
Mode Register 2
00 Hex
Pedestal Control Register 0
00 Hex
Pedestal Control Register 1
00 Hex
Pedestal Control Register 2
00 Hex
Pedestal Control Register 3
00 Hex
Mode Register 3
00 Hex
The ADV7175/ADV7176 registers can be set depending on the
user standard required.
The following examples give the various register formats for
several video standards.
In each case the output is set to composite o/p with all DACs
powered up and with the BLANK input control disabled. Ad-
ditionally, the burst and color information are enabled on the
output and the internal color bar generator is switched off. In
the examples shown the timing mode is set to Mode 0 in slave
format. TR02–TR00 of the timing register 0 control the timing
modes. For a detailed explanation of each bit in the command
registers, please turn to the register programming section of the
data sheet. TR07 should be toggled after setting up a new tim-
ing mode. Timing Register 1 provides additional control over
the position and duration of the timing signals. In the examples
this register is programmed in default mode.
NTSC
Mode Register 0
04 Hex
Mode Register 1
00 Hex
Subcarrier Frequency Register 0
16 Hex
Subcarrier Frequency Register 1
7C Hex
Subcarrier Frequency Register 2
F0 Hex
Subcarrier Frequency Register 3
21 Hex
Subcarrier Phase Register
00 Hex
Timing Register 0
08 Hex
Closed Captioning Ext Register 0
00 Hex
Closed Captioning Ext Register 1
00 Hex
Closed Captioning Register 0
00 Hex
Closed Captioning Register 1
00 Hex
Timing Register 1
00 Hex
Mode Register 2
00 Hex
Pedestal Control Register 0
00 Hex
Pedestal Control Register 1
00 Hex
Pedestal Control Register 2
00 Hex
Pedestal Control Register 3
00 Hex
Mode Register 3
00 Hex
PAL (B, D, G, H, I)
Mode Register 0
01 Hex
Mode Register 1
00 Hex
Subcarrier Frequency Register 0
CB Hex
Subcarrier Frequency Register 1
8A Hex
Subcarrier Frequency Register 2
09 Hex
Subcarrier Frequency Register 3
2A Hex
Subcarrier Phase Register
00 Hex
Timing Register 0
08 Hex
Closed Captioning Ext Register 0
00 Hex
Closed Captioning Ext Register 1
00 Hex
Closed Captioning Register 0
00 Hex
Closed Captioning Register 1
00 Hex
Timing Register 1
00 Hex
Mode Register 2
00 Hex
Pedestal Control Register 0
00 Hex
Pedestal Control Register 1
00 Hex
Pedestal Control Register 2
00 Hex
Pedestal Control Register 3
00 Hex
Mode Register 3
00 Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com