Electronic Components Datasheet Search
  English  ▼

X  

VLF10045 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation VLF10045 Datasheet HTML 10Page - Richtek Technology Corporation VLF10045 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT2808A
7
DS2808A-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Frequency vs. Temperature
440
450
460
470
480
490
500
510
520
530
540
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 5V
VIN = 12V
VIN = 24V
VIN = 36V
Frequency vs. Input Voltage
440
450
460
470
480
490
500
510
520
530
540
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VOUT = 5V, IOUT = 0A
Reference Voltage vs. Temperature
1.210
1.212
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT = 0A
VIN = 12V
VIN = 24V
VIN = 36V
Reference Voltage vs. Input Voltage
1.210
1.214
1.218
1.222
1.226
1.230
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VOUT = 5V, IOUT = 0A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
VOUT = 5V
VIN = 12V
VIN = 32V
VIN = 36V
Output Voltage vs. Output Current
4.960
4.964
4.968
4.972
4.976
4.980
4.984
4.988
4.992
4.996
5.000
5.004
5.008
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5V
VIN = 36V
VIN = 24V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com