Electronic Components Datasheet Search
  English  ▼

X  

VLF10045 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT2808A
3
DS2808A-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT2808A is a constant frequency, current mode
asynchronous step-down converter. In normal operation,
the high side N-MOSFET is turned on when the S-R latch
is set by the oscillator and is turned off when the current
comparator resets the S-R latch. While the N-MOSFET
is turned off, the inductor current conducts through the
external diode.
Error Amplifier
The error amplifier adjusts its output voltage by comparing
the feedback signal (VFB) with the internal 1.222V
reference. When the load current increases, it causes a
drop in the feedback voltage relative to the reference, the
error amplifier's output voltage then rises to allow higher
inductor current to match the load current.
Oscillator
The internal oscillator runs at fixed frequency 500kHz. In
short circuit condition, the frequency is reduced to 150kHz
for low power consumption.
Internal Regulator
The regulator provides low voltage power to supply the
internal control circuits and the bootstrap power for high
side gate driver.
Enable
The converter is turned on when the EN pin is higher than
1.4V and turned off when the EN pin is lower than 0.4V.
When the EN pin is open, it will be pulled up to logic-high
by 1
μA current internally.
Soft-Start (SS)
An internal current source charges an internal capacitor
to build a soft-start ramp voltage. The FB voltage will track
the internal ramp voltage during soft-start interval. The
typical soft-start time is 5ms.
Thermal Shutdown
The over temperature protection function will shut down
the switching operation when the junction temperature
exceeds 150
°C. Once the junction temperature cools
down by approximately 30
°C, the converter will
automatically resume switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com