Electronic Components Datasheet Search
  English  ▼

X  

ADV7194 Datasheet(PDF) 51 Page - Analog Devices

Part # ADV7194
Description  Professional Extended-10??Video Encoder with 54 MHz Oversampling
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADV7194 Datasheet HTML 47Page - Analog Devices ADV7194 Datasheet HTML 48Page - Analog Devices ADV7194 Datasheet HTML 49Page - Analog Devices ADV7194 Datasheet HTML 50Page - Analog Devices ADV7194 Datasheet HTML 51Page - Analog Devices ADV7194 Datasheet HTML 52Page - Analog Devices ADV7194 Datasheet HTML 53Page - Analog Devices ADV7194 Datasheet HTML 54Page - Analog Devices ADV7194 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
ADV7194
–51–
REV. 0
APPENDIX 6
OPTIONAL OUTPUT FILTER
If an output filter is required for the CVBS, Y, UV, Chroma and
RGB outputs of the ADV7194, the following filter in Figure 100
can be used in 2
× Oversampling Mode. In 4× Oversampling
Mode the filter in Figure 102 is recommended. The plot of the
filter characteristics are shown in Figures 101 and 103. An output
27.0
40.5
54.0
13.5
6.75
FREQUENCY – MHz
2
FILTER
REQUIREMENTS
4
FILTER
REQUIREMENTS
0
–30
Figure 104. Output Filter Requirements in 4
× Oversampling Mode
filter is not required if the outputs of the ADV7194 are con-
nected to most analog monitors or TVs, however, if the output
signals are applied to a system where sampling is used (e.g.,
Digital TVs) then a filter is required to prevent aliasing.
0.82 H
470pF
2.5 H
FILTER I/P
FILTER O/P
Figure 100. Output Filter for 2
× Oversampling Mode
FREQUENCY – Hz
50
–150
100kHz
1.0GHz
1.0MHz
10MHz
100MHz
–50
–100
0
Figure 101. Output Filter Plot for 2
× Oversampling Filter
470pF
2.2 H
FILTER I/P
FILTER O/P
(TO BUFFER)
Figure 102. Output Filter for 4
× Oversampling Mode
FREQUENCY – Hz
20
–100
100kHz
1.0GHz
1.0MHz
10MHz
100MHz
–60
–80
–20
–40
0
Figure 103. Output Filter Plot for 4
× Oversampling Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com