Electronic Components Datasheet Search
  English  ▼

X  

ADV7194 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7194
Description  Professional Extended-10??Video Encoder with 54 MHz Oversampling
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7194 Datasheet HTML 25Page - Analog Devices ADV7194 Datasheet HTML 26Page - Analog Devices ADV7194 Datasheet HTML 27Page - Analog Devices ADV7194 Datasheet HTML 28Page - Analog Devices ADV7194 Datasheet HTML 29Page - Analog Devices ADV7194 Datasheet HTML 30Page - Analog Devices ADV7194 Datasheet HTML 31Page - Analog Devices ADV7194 Datasheet HTML 32Page - Analog Devices ADV7194 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
ADV7194
–29–
REV. 0
REGISTER ACCESSES
The MPU can write to or read from all of the registers of the
ADV7194 except the Subaddress Registers which are write only
registers. The Subaddress Register determines which register the
next read or write operation accesses. All communications with
the part through the bus start with an access to the Subaddress
Register. Then a read/write operation is performed from/to the
target address which then increments to the next address until
a stop command on the bus is performed.
REGISTER PROGRAMMING
The following section describes each register. All registers can
be read from as well as written to.
ADDRESS
SR6
SR5
SR4
SR3
SR2
SR1
SR0
00H
0
0
0
0
0
0
0
MODE REGISTER 0
01H
0
0
0
0
0
0
1
MODE REGISTER 1
02H
0
0
0
0
0
1
0
MODE REGISTER 2
03H
0
0
0
0
0
1
1
MODE REGISTER 3
04H
0
0
0
0
1
0
0
MODE REGISTER 4
05H
0
0
0
0
1
0
1
MODE REGISTER 5
06H
0
0
0
0
1
1
0
MODE REGISTER 6
07H
0
0
0
0
1
1
1
MODE REGISTER 7
08H
0
0
0
1
0
0
0
MODE REGISTER 8
09H
0
0
0
1
0
0
1
MODE REGISTER 9
0AH
0
0
0
1
0
1
0
TIMING REGISTER 0
0BH
0
0
0
1
0
1
1
TIMING REGISTER 1
0CH
0
0
0
1
1
0
0
SUBCARRIER FREQUENCY REGISTER 0
0DH
0
0
0
1
1
0
1
SUBCARRIER FREQUENCY REGISTER 1
0EH
0
0
0
1
1
1
0
SUBCARRIER FREQUENCY REGISTER 2
0FH
0
0
0
1
1
1
1
SUBCARRIER FREQUENCY REGISTER 3
10H
0
0
1
0
0
0
0
SUBCARRIER PHASE REGISTER
11H
0
0
1
0
0
0
1
CLOSED CAPTIONING EXTENDED DATA BYTE 0
12H
0
0
1
0
0
1
0
CLOSED CAPTIONING EXTENDED DATA BYTE 1
13H
0
0
1
0
0
1
1
CLOSED CAPTIONING DATA BYTE 0
14H
0
0
1
0
1
0
0
CLOSED CAPTIONING DATA BYTE 1
15H
0
0
1
0
1
0
1
NTSC PEDESTAL/TELETEXT CONTROL REGISTER 0
16H
0
0
1
0
1
1
0
NTSC PEDESTAL/TELETEXT CONTROL REGISTER 1
17H
0
0
1
0
1
1
1
NTSC PEDESTAL/TELETEXT CONTROL REGISTER 2
18H
0
0
1
1
0
0
0
NTSC PEDESTAL/TELETEXT CONTROL REGISTER 3
19H
0
0
1
1
0
0
1
CGMS/WSS 0
1AH
0
0
1
1
0
1
0
CGMS/WSS 1
1BH
0
0
1
1
0
1
1
CGMS/WSS 2
1CH
0
0
1
1
1
0
0
TELETEXT REQUEST CONTROL REGISTER
1DH
0
0
1
1
1
0
1
CONTRAST CONTROL REGISTER
1EH
0
0
1
1
1
1
0
U SCALE REGISTER
1FH
0
0
1
1
1
1
1
V SCALE REGISTER
20H
0
1
0
0
0
0
0
HUE ADJUST REGISTER
21H
0
1
0
0
0
0
1
BRIGHTNESS CONTROL REGISTER
22H
0
1
0
0
0
1
0
SHARPNESS CONTROL REGISTER
23H
0
1
0
0
0
1
1
DNR REGISTER 0
24H
0
1
0
0
1
0
0
DNR REGISTER 1
25H
0
1
0
0
1
0
1
DNR REGISTER 2
26H
0
1
0
0
1
1
0
GAMMA CORRECTION REGISTER 0
27H
0
1
0
0
1
1
1
GAMMA CORRECTION REGISTER 1
28H
0
1
0
1
0
0
0
GAMMA CORRECTION REGISTER 2
29H
0
1
0
1
0
0
1
GAMMA CORRECTION REGISTER 3
2AH
0
1
0
1
0
1
0
GAMMA CORRECTION REGISTER 4
2BH
0
1
0
1
0
1
1
GAMMA CORRECTION REGISTER 5
2CH
0
1
0
1
1
0
0
GAMMA CORRECTION REGISTER 6
2DH
0
1
0
1
1
0
1
GAMMA CORRECTION REGISTER 7
2EH
0
1
0
1
1
1
0
GAMMA CORRECTION REGISTER 8
2FH
0
1
0
1
1
1
1
GAMMA CORRECTION REGISTER 9
30H
0
1
1
0
0
0
0
GAMMA CORRECTION REGISTER 10
31H
0
1
1
0
0
0
1
GAMMA CORRECTION REGISTER 11
32H
0
1
1
0
0
1
0
GAMMA CORRECTION REGISTER 12
33H
0
1
1
0
0
1
1
GAMMA CORRECTION REGISTER 13
34H
0
1
1
0
1
0
0
BRIGHTNESS DETECT REGISTER
35H
0
1
1
0
1
0
1
OUTPUT CLOCK REGISTER
36H
0
1
1
0
1
1
0
RESERVED
37H
0
1
1
0
1
1
1
RESERVED
38H
0
1
1
1
0
0
0
RESERVED
39H
0
1
1
1
0
0
1
RESERVED
3AH
0
1
1
1
0
1
0
RESERVED
3BH
0
1
1
1
0
1
1
RESERVED
3CH
0
1
1
1
1
0
0
RESERVED
3DH
0
1
1
1
1
0
1
RESERVED
3EH
0
1
1
1
1
1
0
RESERVED
3FH
1
1
1
1
1
1
1
RESERVED
40H
1
0
0
0
0
0
0
RESERVED
41H
1
0
0
0
0
0
1
RESERVED
42H
1
0
0
0
0
1
0
RESERVED
43H
1
0
0
0
0
1
1
RESERVED
44H
1
0
0
0
1
0
0
RESERVED
45H
1
0
0
0
1
0
1
RESERVED
46H
1
0
0
0
1
1
0
RESERVED
47H
1
0
0
1
1
1
1
RESERVED
48H
1
0
0
1
0
1
0
RESERVED
49H
1
0
0
1
0
0
1
RESERVED
4AH
1
0
0
1
0
0
0
RESERVED
4BH
1
0
0
1
0
1
1
RESERVED
ADV7194 SUBADDRESS REGISTER
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
SR7
ZERO SHOULD
BE WRITTEN
HERE
Figure 54. Subaddress Register for the ADV7194
Subaddress Register (SR7–SR0)
The Communications Register is an 8-bit write-only register. After
the part has been accessed over the bus and a read/write operation
is selected, the subaddress is set up. The Subaddress Register
determines to/from which register the operation takes place.
Figure 54 shows the various operations under the control of the
Subaddress Register 0 should always be written to SR7.
Register Select (SR6–SR0)
These bits are set up to point to the required starting address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com